Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD224PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFD224PBF
Description  HEXFET POWER MOSFET (VDSS = 250V , RDS(on) = 1.1廓 , ID = 0.63A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD224PBF Datasheet(HTML) 8 Page - International Rectifier

  IRFD224PBF Datasheet HTML 1Page - International Rectifier IRFD224PBF Datasheet HTML 2Page - International Rectifier IRFD224PBF Datasheet HTML 3Page - International Rectifier IRFD224PBF Datasheet HTML 4Page - International Rectifier IRFD224PBF Datasheet HTML 5Page - International Rectifier IRFD224PBF Datasheet HTML 6Page - International Rectifier IRFD224PBF Datasheet HTML 7Page - International Rectifier IRFD224PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFD224PbF
8
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 10/04
Hexdip Package Outline
Dimensions are shown in millimeters (inches)
Hexdip Part Marking Information
T HIS IS AN IRFD120
PART NUMBER
DAT E CODE
WW = WEEK
Y = YEAR
AS S EMBLY LOT CODE
RECT IF IER
INTERNAT IONAL
LOGO
IRFD120
XXXX
(PYWWA)
A = ASSEMBLY SITE CODE
P = LEAD-FREE (optional)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com