Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4410CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4410CS
Description  N-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4410CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4410CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4410CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4410CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TSM4410
2-3
2006/06 rev. A
Electrical Characteristics
TJ = 25
oC, unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
25
--
--
V
VGS = 10V, ID = 10A
RDS(ON)
--
11
13.5
mΩ
Drain-Source On-State Resistance
VGS = 4.5V, ID = 5A
RDS(ON)
--
16.5
20
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
1.0
--
3.0
V
Zero Gate Voltage Drain Current
VDS = 25V, VGS = 0V
IDSS
--
--
1.0
uA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Gate Resistance
f = 1MHz
Rg
--
1.35
--
Ω
Forward Transconductance
VDS =15V, ID = 10A
gfs
--
25
--
S
Dynamic
Total Gate Charge
Qg
--
7.56
--
Gate-Source Charge
Qgs
--
2.74
--
Gate-Drain Charge
VDS = 15V, ID = 10A,
VGS = 5V
Qgd
--
2.22
--
nC
Turn-On Delay Time
td(on)
--
6.81
--
Turn-On Rise Time
tr
--
1.8
--
Turn-Off Delay Time
td(off)
--
20.37
--
Turn-Off Fall Time
VDD = 15V, RL = 25Ω,
ID = 1A, VGEN = 10V,
RG = 6Ω
tf
--
3.42
--
nS
Input Capacitance
Ciss
--
1046.7
--
Output Capacitance
Coss
--
148.75
--
Reverse Transfer Capacitance
VDS = 15V, VGS = 0V
f = 1.0MHz
Crss
--
78.26
--
pF
Source-Drain Diode
Max. Diode Forward Current
IS
--
--
10
A
Diode Forward Voltage
IS = 2.3A, VGS = 0V
VSD
--
0.85
1.3
V
Note: 1. pulse test: pulse width <=300uS, duty cycle <=2%
2. Negligible, Dominated by circuit inductance.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com