Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

131.015040 Datasheet(PDF) 1 Page - France Joint

Part # 131.015040
Description  GAMMA SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

131.015040 Datasheet(HTML) 1 Page - France Joint

  131.015040 Datasheet HTML 1Page - France Joint 131.015040 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 131 profile is a gamma
seal. The design of the metal part
offers additional protection in the
form of a labyrinth in the housing,
should there be a higher pollution level
compared to the BECA 130 profile.
ADVANTAGES
Good dynamic sealing
Very good protection against
external solid particles
Modern axial sealing lip
with a low radial load
Low power loss
Installation in a reduced size
No additional retention system necessary
APPLICATIONS
Axles
Machine tools
Electric motors
Pumps
Transmissions
MATERIALS
Rubber
NBR 70 - 75 Shore A
FKM 70 - 75 Shore A
Metal cage
Steel - AISI 1010
GAMMA SEALS
BECA 131
|
TECHNICAL DATA
Temperature
-30°C / +200°C
Speed
20 m/s
Media
Mineral hydraulic oils
Synthetic lubricants
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
SURFACE ROUGHNESS
The recommended surface roughness for the shaft must not exceed 4 µm Ra. There must
be no burrs or defects on the shaft.
|
CHAMFERS AND ANGLES
Shaft diameter
Ød1 h9
Angle
Chamfer
C  (+/-)
0.00 - 35.00
10° / 15°
2.00 (-0.25/-0.15)
36.00 - 50.00
10° / 15°
2.00 (-0.28/-0.18)
51.00 - 135.00
10° / 15°
2.00 (-0.30/-0.20)
136.00 - 200.00
10° / 15°
2.00 (-0.35/-0.25)
|
ASSEMBLY RECOMMENDATIONS
ROTARY SEALS | GAMMA SEALS |
BECA 131


Similar Part No. - 131.015040

ManufacturerPart #DatasheetDescription
logo
Bernstein-Werkzeugfabri...
131.0.0000.00 BERNSTEIN-131.0.0000.00 Datasheet
632Kb / 18P
Aluminium enclosures CA series
131.0.0010.00 BERNSTEIN-131.0.0010.00 Datasheet
632Kb / 18P
Aluminium enclosures CA series
131.0.0060.00 BERNSTEIN-131.0.0060.00 Datasheet
632Kb / 18P
Aluminium enclosures CA series
131.0.0080.00 BERNSTEIN-131.0.0080.00 Datasheet
632Kb / 18P
Aluminium enclosures CA series
131.0.0100.00 BERNSTEIN-131.0.0100.00 Datasheet
632Kb / 18P
Aluminium enclosures CA series
More results

Similar Description - 131.015040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
logo
Texas Instruments
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
Programmable Gamma-Voltage Generator
logo
Tyco Electronics
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Texas Instruments
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
logo
Rohm
BD8149MUV ROHM-BD8149MUV Datasheet
1Mb / 21P
Gamma voltage generated IC
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
aperture/gamma correction
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com