Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4420CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4420CS
Description  N-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4420CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4420CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4420CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4420CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSM4420
1-3
2005/08 rev. B
TSM4420
Preliminary
N-Channel Enhancement Mode MOSFET
VDS = 25V
ID = 13.5A
RDS (on), Vgs @ 10V, Ids @ 13.5A = 8.5mΩ
RDS (on), Vgs @ 4.5V, Ids @ 11A = 11mΩ
Features
Advanced trench process technology
High Density Cell Design for Ultra Low
On-Resistance
Fully Characterized Avalanche Voltage and Current
Block Diagram
Ordering Information
Part No.
Packing
Package
TSM4420CS
Tape & Reel
(2,500pcs / Reel)
SOP-8
Absolute Maximum Rating (TA = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
13.5
Pulsed Drain Current
IDM
50
A
TA = 25
oC
2
Maximum Power Dissipation
TA = 70
oC
PD
1.3
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction-to-case Thermal Resistance
Rθjc
2.2
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
50
oC/W
Note: 1. Maximum DC current limited by the package
2. 1-in
2 2oz Cu PCB board
Pin assignment:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM4420CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4424 TSC-TSM4424 Datasheet
392Kb / 6P
20V N-Channel MOSFET
TSM4424 TSC-TSM4424 Datasheet
685Kb / 6P
20V N-Channel MOSFET
TSM4424CSRL TSC-TSM4424CSRL Datasheet
685Kb / 6P
20V N-Channel MOSFET
TSM4424CSRLG TSC-TSM4424CSRLG Datasheet
685Kb / 6P
20V N-Channel MOSFET
TSM4424CSRVG TSC-TSM4424CSRVG Datasheet
685Kb / 6P
20V N-Channel MOSFET
More results

Similar Description - TSM4420CS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com