Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS221DBRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LS221DBRE4
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS221DBRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS221DBRE4 Datasheet HTML 1Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 2Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 3Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 4Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 5Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 6Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 7Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 8Page - Texas Instruments SN74LS221DBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
VCC
Req
Input
VCC
100
Ω NOM
Output
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL OUTPUTS
SN54/74221
SN54/74LS221
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL OUTPUTS
VCC
Req
Input
VCC
Output
120
Ω NOM
A Input: Req = 4 kΩ NOM
B, CLR Input: Req = 2 kΩ NOM
A Input: Req = 25 kΩ NOM
B Input: Req = 15.4 kΩ NOM
CLR: Req = 12.5 kΩ NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com