Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM9428CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9428CS
Description  20V N-Channel Enhancement-Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9428CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM9428CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9428CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9428CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSM9428
1-3
2005/08 rev. A
TSM9428
Preliminary
20V N-Channel Enhancement-Mode MOSFET
VDS = 20V
RDS (on), Vgs @ 4.5V, Ids @ 6A =30mΩ
RDS (on), Vgs @ 2.5V, Ids @ 5.2A =40mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
Ordering Information
Part No.
Packing
Package
TSM9428CS
Tape & Reel
2,500/per reel
SOP-8
Block Diagram
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20V
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current,
ID
6
A
Pulsed Drain Current,
IDM
20
A
Ta = 25
oC
2.5
Maximum Power Dissipation
Ta = 70
oC
PD
1.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
Rθjf
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
50
oC/W
Note: Surface mounted on FR4 board t<=10sec.
Pin assignment:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM9428CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9428CS TSC-TSM9428CS Datasheet
366Kb / 6P
20V N-Channel MOSFET
More results

Similar Description - TSM9428CS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com