Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM9435CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9435CS
Description  30V P-Channel Enhancement-Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9435CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM9435CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9435CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9435CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSM9435
1-3
2005/06 rev. C
TSM9435
-30V P-Channel Enhancement-Mode MOSFET
VDS = -30V
RDS (on), Vgs @ -10V, Ids @ -5.3A =60mΩ
RDS (on), Vgs @ -4.5V, Ids @ -4.2A =90mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
Ordering Information
Part No.
Packing
Package
TSM9435CS
Tape & Reel
2,500/per reel
SOP-8
Block Diagram
P-Channel MOSFET
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30V
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current,
ID
-5.3
A
Pulsed Drain Current,
IDM
-20
A
Ta = 25
oC
2.5
Maximum Power Dissipation
Ta = 70
oC
PD
1.3
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
Rθjf
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
50
oC/W
Note: Surface mounted on FR4 board t<=10sec.
Pin assignment:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM9435CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9435CS TSC-TSM9435CS Datasheet
351Kb / 6P
30V P-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM9435CS DOINGTER-TSM9435CS Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM9435CSRF TSC-TSM9435CSRF Datasheet
231Kb / 6P
30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM9435CSRL VBSEMI-TSM9435CSRL Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TSM9435CS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com