Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # US1D
Description  1.0 Amps. Surface Mount Ultrafast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

US1D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  US1D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd US1D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 369 -
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.6
0.8
1.0
0.4
1.2
1.4
1.6
1.8
0.01
0.001
1
RATINGS AND CHARACTERISTIC CURVES (US1A THRU US1M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
60
80
100
120
140
160
0
0.5
1.0
1.2
LEAD TEMPERATURE. ( C)
o
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
40
10
20
30
50
NUMBER OF CYCLES AT 60Hz
TL=90 C
8.3ms Single Half Sine Wave
JEDEC Method
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.01
1
10
100
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON 0.2 X 0.2"
(5.0X5.0mm) COPPER PAD AREAS
40
20
0
180
Pulse Width=300 s
1% Duty Cycle
0.1
0.1
10
US1A - US1G
US1J - US1M
Tj=100 C
0
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION, sec.
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
US1A - US1G
US1J - US1M
FORWARD VOLTAGE. (V)
1
Tj=25 C
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com