Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD640 Datasheet(PDF) 4 Page - Analog Devices

Part # AD640
Description  DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD640 Datasheet(HTML) 4 Page - Analog Devices

  AD640_V01 Datasheet HTML 1Page - Analog Devices AD640_V01 Datasheet HTML 2Page - Analog Devices AD640_V01 Datasheet HTML 3Page - Analog Devices AD640_V01 Datasheet HTML 4Page - Analog Devices AD640_V01 Datasheet HTML 5Page - Analog Devices AD640_V01 Datasheet HTML 6Page - Analog Devices AD640_V01 Datasheet HTML 7Page - Analog Devices AD640_V01 Datasheet HTML 8Page - Analog Devices AD640_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AD640
REV.
D
–4–
CHIP DIMENSIONS AND
BONDING DIAGRAM
Dimensions shown in inches and (mm).
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7.5 V
Input Voltage (Pin 1 or Pin 20 to COM) . . . . –3 V to +300 mV
Attenuator Input Voltage (Pin 5 to Pin 3/4) . . . . . . . . . . .
±4 V
Storage Temperature Range D, E . . . . . . . . . –65
°C to +150°C
Storage Temperature Range N, P . . . . . . . . . –65
°C to +125°C
Ambient Temperature Range, Rated Performance
Industrial, AD640B . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Military, AD640T . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Commercial, AD640J . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
(continued from page 1)
6. The low input offset voltage of 50
µV (200 µV max) ensures
good accuracy for low level dc inputs.
7. Thermal recovery “tails,” which can obscure the response
when a small signal immediately follows a high level input,
have been minimized by special attention to design details.
8. The noise spectral density of 2 nV/
√Hz results in a noise floor of
~23
µV rms (–80 dBm) at a bandwidth of 100 MHz. The dy-
namic range using cascaded AD640s can be extended to 95 dB
by the inclusion of a simple filter between the two devices.
ESD CAUTION
CONNECTION DIAGRAMS
20-Lead PLCC (P) Package
20-Terminal Ceramic LCC (E) Package
20-Lead Ceramic
SBDIP (D) Package
20-Lead Plastic DIP (N) Package
9
10
11
12
13
3
2
1
20
19
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
AD640
ATN COM
CKT COM
RG1
RG0
RG2
LOG OUT
ATN IN
BL1
–VS
ITC
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD640
SIG –OUT
BL2
ITC
ATN LO
ATN COM
ATN COM
–VS
BL1
ATN IN
SIG –IN
SIG +IN
ATN OUT
CKT COM
RG1
RG0
RG2
LOG OUT
LOG COM
+VS
SIG +OUT
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
9
1011 1213
TOP VIEW
(Not to Scale)
AD640
ATN COM
CKT COM
RG1
RG0
RG2
LOG OUT
ATN IN
BL1
–VS
ITC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com