Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD640JNZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD640JNZ
Description  DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD640JNZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD640JNZ Datasheet HTML 2Page - Analog Devices AD640JNZ Datasheet HTML 3Page - Analog Devices AD640JNZ Datasheet HTML 4Page - Analog Devices AD640JNZ Datasheet HTML 5Page - Analog Devices AD640JNZ Datasheet HTML 6Page - Analog Devices AD640JNZ Datasheet HTML 7Page - Analog Devices AD640JNZ Datasheet HTML 8Page - Analog Devices AD640JNZ Datasheet HTML 9Page - Analog Devices AD640JNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD640
REV.
D
–6–
INPUT LEVEL – dBm
–2.5
–2.0
0.5
–40
–0.5
0
–1.5
–1.0
–50
–30
–20
–10
0
30MHz
60MHz
90MHz
120MHz
AD640
VS = 5 VOLTS
TEMPERATURE = +25 C
Figure 10. AC Response at 30 MHz, 60 MHz, 90 MHz and
120 MHz, vs. dBm Input (Sinusoidal Input)
FREQUENCY – MHz
1.0
DC
30
0.95
0.90
0.85
0.80
60
90
120
150
Figure 11. Slope Current, IY, vs. Input Frequency
Figure 12. Baseband Pulse Response of Single AD640,
Inputs of 1 mV, 10 mV and 100 mV
+25 C
+125 C
–55 C
+125 C
–55 C
+25 C
+125 C
–55 C
–55 C
INPUT LEVEL – dBm
–2.5
0
–50
0
–2.0
–1.5
–1.0
–5
0.5
–40
–30
–20
–10
+1
0
–1
–2
+125 C
+25 C
AD640
FREQUENCY = 60MHz
Figure 13. Logarithmic Response and Linearity at 60 MHz,
TA for TA = –55 C, +25 C, +125 C
INPUT FREQUENCY – MHz
90
80
0
120
10
20
100 110
89
87
86
85
84
88
30
40
50
60
70
80
90
83
82
81
Figure 14. Intercept Level (dBm) vs. Frequency
(Cascaded AD640s – Sinusoidal Input)
10
0%
5µs
5µs
20mV
20mV
100
90
Figure 15. Baseband Pulse Response of Cascaded
AD640s, Inputs of 0.2 mV, 2 mV, 20 mV and 200 mV
–Typical AC Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com