Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8310 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8310
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8310 Datasheet HTML 4Page - Analog Devices AD8310 Datasheet HTML 5Page - Analog Devices AD8310 Datasheet HTML 6Page - Analog Devices AD8310 Datasheet HTML 7Page - Analog Devices AD8310 Datasheet HTML 8Page - Analog Devices AD8310 Datasheet HTML 9Page - Analog Devices AD8310 Datasheet HTML 10Page - Analog Devices AD8310 Datasheet HTML 11Page - Analog Devices AD8310 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8307
Data Sheet
Rev. F | Page 8 of 24
VENB
CH 2
VOUT
CH 1
GND
500ns
CH2 2.00V
CH1 200mV
Figure 15. Power-Up Response Time
VENB
CH 2
VOUT
CH 1
GND
500ns
CH2 2.00V
CH1 200mV
Figure 16. Power-Down Response Time
AD8307
0.1µF
VPS = 5.0V
1nF
1nF
52.3Ω
HP8648B
SIGNAL
GENERATOR
RF OUT
OUT
HP8112A
PULSE
GENERATOR
TEK P6139A
10x PROBE
SYNCH OUT
TRIG
NC
INP VPS ENB INT
INM COM OFS OUT
NC
NC = NO CONNECT
87
6
5
23
4
1
TEK744A
SCOPE
Figure 17. Test Setup for Power-Up/Power-Down Response Time
INPUT
SIGNAL
CH2
CH1 GND
2V
VOUT
CH1
CH2
GND
200ns
CH2 1.00V
CH1 500mV
Figure 18. VOUT Rise Time
INPUT
SIGNAL
CH2
2.5V
CH1 GND
VOUT
CH1
CH2
GND
200ns
CH2 1.00V
CH1 500mV
Figure 19. Large Signal Response Time
PULSE MODE IN
10MHz REF CLK
OUT
EXT TRIG
AD8307
0.1µF
VPS = 5.0V
1nF
1nF
52.3Ω
HP8648B
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
RF OUT
HP8112A
PULSE
GENERATOR
TEK P6204
FET PROBE
TRIG
OUT
TRIG
NC
INP VPS ENB INT
INM COM OFS OUT
NC
NC = NO CONNECT
87
6
5
23
4
1
TEK744A
SCOPE
Figure 20. Test Setup for VOUT Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com