Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8310 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8310
Description  Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8310 Datasheet HTML 3Page - Analog Devices AD8310 Datasheet HTML 4Page - Analog Devices AD8310 Datasheet HTML 5Page - Analog Devices AD8310 Datasheet HTML 6Page - Analog Devices AD8310 Datasheet HTML 7Page - Analog Devices AD8310 Datasheet HTML 8Page - Analog Devices AD8310 Datasheet HTML 9Page - Analog Devices AD8310 Datasheet HTML 10Page - Analog Devices AD8310 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8310
Rev. F | Page 7 of 24
50
μs PER
HORIZONTAL
DIVISION
500mV PER
VERTICAL
DIVISION
VOUT
100pF
3300pF
GROUND REFERENCE
0.01
μF
VOUT
500mV PER
VERTICAL
DIVISION
25ns PER
HORIZONTAL
DIVISION
GROUND REFERENCE
10mV PER
VERTICAL
DIVISION
INPUT
Figure 9. Small-Signal AC Response of RSSI Output with External BFIN
Capacitance of 100 pF, 3300 pF, and 0.01 μF
100ns PER
HORIZONTAL
DIVISION
GND REFERENCE
INPUT
500mV PER
VERTICAL
DIVISION
500mV PER
VERTICAL
DIVISION
VOUT
154
Ω
100
Ω
200
Ω
Figure 10. Large-Signal RSSI Pulse Response with CL = 100 pF
and RL = 100 Ω, 154 Ω, and 200 Ω
100ns PER
HORIZONTAL
DIVISION
GND REFERENCE
INPUT
500mV PER
VERTICAL
DIVISION
VOUT
500mV PER
VERTICAL
DIVISION
–3dBV INPUT
LEVEL SHOWN
HERE
Figure 12. Small-Signal RSSI Pulse Response
with RL = 402 Ω and CL = 68 pF
VOUT
CURVES
OVERLAP
500mV PER
VERTICAL
DIVISION
GND REFERENCE
INPUT
100ns PER
HORIZONTAL
DIVISION
500mV PER
VERTICAL
DIVISION
Figure 13. Large-Signal RSSI Pulse Response with RL = 100 Ω
and CL = 33 pF, 68 pF, and 100 pF
VOUT
100ns PER
HORIZONTAL
DIVISION
Figure 11. RSSI Pulse Response with RL = 402 Ω and CL = 68 pF,
for Inputs Stepped from 0 dBV to −33 dBV, −23 dBV, −13 dBV, and −3 dBV
20mV PER
VERTICAL
DIVISION
INPUT
200mV PER
VERTICAL
DIVISION
GND REFERENCE
Figure 14. Small-Signal RSSI Pulse Response with RL = 50 Ω
and Back Termination of 50 Ω (Total Load = 100 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com