Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8309 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8309
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8309 Datasheet HTML 16Page - Analog Devices AD8309 Datasheet HTML 17Page - Analog Devices AD8309 Datasheet HTML 18Page - Analog Devices AD8309 Datasheet HTML 19Page - Analog Devices AD8309 Datasheet HTML 20Page - Analog Devices AD8309 Datasheet HTML 21Page - Analog Devices AD8309 Datasheet HTML 22Page - Analog Devices AD8309 Datasheet HTML 23Page - Analog Devices AD8309 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8307
Data Sheet
Rev. F | Page 22 of 24
2.50
2.25
0
2.00
1.25
1.00
0.50
WITH FILTER
ERROR
(WITH FILTER)
WITHOUT
FILTER
0.25
0.75
1.50
1.75
–2
–1
0
1
2
–100
–80
–60
–40
–20
20
0
INPUT LEVEL (dBm)
Figure 43. Results for 120 dB Measurement System
OPERATION AT LOW FREQUENCIES
The AD8307 provides excellent logarithmic conformance at
signal frequencies that can be arbitrarily low, depending only on
the values used for the input coupling capacitors. It can also be
desirable to add a low-pass input filter to desensitize the log
amp to HF signals. Figure 44 shows a simple arrangement, provid-
ing coupling with an attenuation of 20 dB; the intercept is shifted
up by this attenuation, from −84 dBm to −64 dBm, and the
input range is now 0.5 mV to 20 V (sine amplitude).
A high-pass 3 dB corner frequency of nominally 3 Hz is set by
the 10 μF coupling capacitors, C1 and C2, which are preferably
tantalum electrolytics (note the polarity) and a low-pass 3 dB
corner frequency of 200 kHz (set by C3 and the effective resis-
tance at the input of 1 kΩ). The −1% amplitude error points
occur at 20 Hz and 30 kHz. These are readily altered to suit other
applications by simple scaling. When C3 is zero, the low-pass
corner is at 200 MHz. Note that the lower end of the dynamic
range is improved by this capacitor, which essentially provides
an HF short circuit at the input. This significantly lowers the
wideband noise; the noise reduction is about 2 dB compared to
when the AD8307 is driven from a 50 Ω source. Ensure that the
output is free of postdemodulation ripple by lowering the low-pass
filter time constant, which is provided by C5. With the value shown
in Figure 44, the output time constant is 125 ms.
See Figure 40 for a more elaborate filter. To improve the law
conformance at very low signal levels and at low frequencies, add
C4 to the offset compensation loop.
C2
10µF
C1
10µF
AD8307
NC
INP VPS ENB INT
INM COM OFS OUT
NC = NO CONNECT
87
6
5
23
4
1
5V
R1
5kΩ
R2
5kΩ
0.1µF
C5
1µF
VOUT
25mV/dB
VIN
0.5mV TO
20V SINE
AMPLITUDE
C4
1µF
+
+
C3
750pF
4.7Ω
Figure 44. Connections for Low Frequency Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com