Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8307ARZ
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8307ARZ Datasheet HTML 1Page - Analog Devices AD8307ARZ Datasheet HTML 2Page - Analog Devices AD8307ARZ Datasheet HTML 3Page - Analog Devices AD8307ARZ Datasheet HTML 4Page - Analog Devices AD8307ARZ Datasheet HTML 5Page - Analog Devices AD8307ARZ Datasheet HTML 6Page - Analog Devices AD8307ARZ Datasheet HTML 7Page - Analog Devices AD8307ARZ Datasheet HTML 8Page - Analog Devices AD8307ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8307
Rev. F | Page 3 of 24
SPECIFICATIONS
VS = 5 V, TA = 25°C, RL ≥ 1 MΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
GENERAL CHARACTERISTICS
Input Range (±3 dB Error)
From noise floor to maximum input
92
dB
Input Range (±1 dB Error)
From noise floor to maximum input
88
dB
Logarithmic Conformance
f ≤ 100 MHz, central 80 dB
±0.3
±1
dB
f = 500 MHz, central 75 dB
±0.5
dB
Logarithmic Slope
Unadjusted1
23
25
27
mV/dB
vs. Temperature
23
27
mV/dB
Logarithmic Intercept
Sine amplitude, unadjusted2
20
μV
Equivalent sine power in 50 Ω
−87
−84
−77
dBm
vs. Temperature
−88
−76
dBm
Input Noise Spectral Density
Inputs shorted
1.5
nV/√Hz
Operating Noise Floor
RSOURCE = 50 Ω/2
−78
dBm
Output Resistance
Pin 4 to ground
10
12.5
15
kΩ
Internal Load Capacitance
3.5
pF
Response Time
Small signal, 10% to 90%, 0 mV to 100 mV, CL = 2 pF
400
ns
Large signal, 10% to 90%, 0 V to 2.4 V, CL = 2 pF
500
ns
Upper Usable Frequency
500
MHz
Lower Usable Frequency
AC-coupled input
10
Hz
AMPLIFIER CELL CHARACTERISTICS
Cell Bandwidth
−3 dB
900
MHz
Cell Gain
14.3
dB
INPUT CHARACTERISTICS
DC Common-Mode Voltage
AC-coupled input
3.2
V
Common-Mode Range
Either input (small signal)
−0.3
+1.6
VS − 1
V
DC Input Offset Voltage3
RSOURCE ≤ 50 Ω
50
500
μV
Drift
0.8
μV/°C
Incremental Input Resistance
Differential
1.1
kΩ
Input Capacitance
Either pin to ground
1.4
pF
Bias Current
Either input
10
25
μA
POWER INTERFACES
Supply Voltage
2.7
5.5
V
Supply Current
VENB ≥ 2 V
8
10
mA
Disabled
VENB ≤ 1 V
150
750
μA
1 This can be adjusted downward by adding a shunt resistor from the output to ground. A 50 kΩ resistor reduces the nominal slope to 20 mV/dB.
2 This can be adjusted in either direction by a voltage applied to Pin 5, with a scale factor of 8 dB/V.
3 Normally nulled automatically by internal offset correction loop and can be manually nulled by a voltage applied between Pin 3 and ground; see the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com