Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5902
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902 Datasheet(HTML) 5 Page - Analog Devices

  ADL5902_V01 Datasheet HTML 1Page - Analog Devices ADL5902_V01 Datasheet HTML 2Page - Analog Devices ADL5902_V01 Datasheet HTML 3Page - Analog Devices ADL5902_V01 Datasheet HTML 4Page - Analog Devices ADL5902_V01 Datasheet HTML 5Page - Analog Devices ADL5902_V01 Datasheet HTML 6Page - Analog Devices ADL5902_V01 Datasheet HTML 7Page - Analog Devices ADL5902_V01 Datasheet HTML 8Page - Analog Devices ADL5902_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADL5902
Rev. B | Page 5 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
0.2/0
dB
−40°C < TA < +85°C; PIN = −40 dBm
−0.2/+0.4
dB
−40°C < TA < +125°C; PIN = 0 dBm
+0.2/−0.3
dB
−40°C < TA < +125°C; PIN = −40 dBm
−0.2/+0.4
dB
Logarithmic Slope
−40 dBm < PIN < 0 dBm; calibration at −30 dBm
and 0 dBm
49.6
mV/dB
Logarithmic Intercept
−40 dBm < PIN < 0 dBm; calibration at −30 dBm
and 0 dBm
−63.1
dBm
5.8 GHz
±1.0 dB Dynamic Range
CW input, TA = +25°C, VTADJ = 0.95 V
61
dB
Maximum Input Level, ±1.0 dB
Calibration at −50 dBm, −30 dBm, and 0 dBm
9
dBm
Minimum Input Level, ±1.0 dB
Calibration at −50 dBm, −30 dBm, and 0 dBm
−52
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
−0.8/0
dB
−40°C < TA < +85°C; PIN = −30 dBm
−1.3/+0.1
dB
−40°C < TA < +125°C; PIN = 0 dBm
−1.6/0
dB
−40°C < TA < +125°C; PIN = −30 dBm
−1.3/+0.1
dB
Logarithmic Slope
−30 dBm < PIN < 0 dBm; calibration at −30 dBm
and 0 dBm
42.7
mV/dB
Logarithmic Intercept
−30 dBm < PIN < 0 dBm; calibration at −30 dBm
and 0 dBm
−54.1
dBm
OUTPUT INTERFACE
VOUT (Pin 6)
Output Swing, Controller Mode
Swing range minimum, RL ≥ 500 Ω to ground
0.03
V
Swing range maximum, RL ≥ 500 Ω to ground
4.8
V
Current Source/Sink Capability
10/10
mA
Voltage Regulation
ILOAD = 8 mA, source/sink
+0.2/−0.2
%
Output Noise
RFIN = 2.14 GHz, −20 dBm, fNOISE = 100 kHz,
CLPF = 220 pF
25
nV/√Hz
Rise Time
Transition from no input to 1 dB settling at
PIN = −10 dBm, CLPF = 220 pF
3
μs
Fall Time
Transition from −10 dBm to off (1 dB of final value),
CLPF = 220 pF
25
μs
SETPOINT INPUT
VSET (Pin 7)
Voltage Range
Log conformance error ≤ 1 dB, minimum 2.14 GHz
3.5
V
Log conformance error ≤ 1 dB, maximum 2.14 GHz
0.23
V
Input Resistance
72
kΩ
Logarithmic Scale Factor
f = 2.14 GHz
52.4
mV/dB
Logarithmic Intercept
f = 2.14 GHz
−62.9
dBm
TEMPERATURE COMPENSATION
Pin TADJ/PWDN (Pin 1)
Input Voltage Range
0
VS
V
Input Bias Current
VTADJ = 0.4 V
2
μA
Input Resistance
VTADJ = 0.4 V
200
kΩ
VOLTAGE REFERENCE
VREF (Pin 11)
Output Voltage
PIN = −55 dBm
2.3
V
Temperature Sensitivity
25°C ≤ TA ≤ 125°C
−0.16
mV/°C
−15°C ≤ TA ≤ +25°C
0.045
mV/°C
−40°C ≤ TA ≤ −15°C
−0.04
mV/°C
Short-Circuit Current Source/ Sink
Capability
25°C ≤ TA ≤ 125°C
4/0.05
mA
−40°C ≤ TA < +25°C
3/0.05
mA
Voltage Regulation
TA = 25°C, ILOAD = 2 mA
−0.4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com