Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519-EVALZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADL5519-EVALZ
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519-EVALZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADL5519-EVALZ Datasheet HTML 28Page - Analog Devices ADL5519-EVALZ Datasheet HTML 29Page - Analog Devices ADL5519-EVALZ Datasheet HTML 30Page - Analog Devices ADL5519-EVALZ Datasheet HTML 31Page - Analog Devices ADL5519-EVALZ Datasheet HTML 32Page - Analog Devices ADL5519-EVALZ Datasheet HTML 33Page - Analog Devices ADL5519-EVALZ Datasheet HTML 34Page - Analog Devices ADL5519-EVALZ Datasheet HTML 35Page - Analog Devices ADL5519-EVALZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ADL5519
Data Sheet
Rev. C | Page 32 of 39
GAIN-STABLE TRANSMITTER/RECEIVER
There are many applications for a transmitter or receiver with
a highly accurate temperature-stable gain. For example, a
multi-carrier, base station high power amplifier (HPA) using
digital predistortion can have a power detector and an auxiliary
receiver. The power detector and all parts associated with it can be
removed if the auxiliary receiver has a highly accurate
temperature-stable gain. With a set gain receiver, the ADC on
the auxiliary receiver can determine not only the overall power
being transmitted but also the power in each carrier for a
multicarrier HPA. Without the use of a detector, the auxiliary
receiver is very difficult to calibrate accurately over temperature
due to the part-to-part variation of the components in the auxiliary
receiver.
In controller mode, the ADL5519 can be used to hold the receiver
gain constant over a broad input power/temperature range. In this
application, the difference outputs are used to hold the receiver
gain constant. Figure 69 shows an example of how this can be
done.
The RF input is connected to INHB, using a 19 dB coupler, and
the down-converted output from the signal chain is connected
to INHA, using a 19 dB coupler. A 100 pF capacitor is connected
between FBKA and OUTP, forming an integrator. OUTA is
connected to VLVL, forcing OUTP to adjust the VGA so that
OUTB is equal to OUTA. The circuit gain is set by the difference
in the coupling values of the input and output couplers and the
differences in path losses to the detector. Because they are
operating at different frequencies, the appropriate voltages on the
ADJA, ADJB pins must be supplied. ADJA is set to 0.6 V and
ADJB is set to 0.65 V to set the −40oC/+85oC crossover point
toward the center of the input power range. Using the suggested
ADJA value for 80 MHz would put the crossover point at a higher
power level.
Figure 68 shows the results of the circuit in Figure 69. The
input power is swept from −47 dBm to +8 dBm. The output
power is measured, and the gain is calculated at +25°C, −40°C and
+85°C. With equal valued couplers used on the input and output,
the expected gain is about 0 dB. Due to path loss differences and
differences due to using two separate frequencies, the average
gain is about 2.5 dB. In this configuration, approximately 50 dB of
control range with 0.2 dB drift over temperature is obtained. For
an auxiliary receiver, less than 5 dB of variation is expected over
temperature. If the power levels are chosen to coincide with the
temperature crossover point, approximately 0.1 dB of temperature
variation can be expected. Most of the gain change over input
power level is caused by performance differences at different
frequencies.
4.0
1.5
2.0
2.5
3.0
3.5
1.0
0.5
0
–50
–40
–30
–20
–10
0
10
PIN (dBm)
GAIN +25°C
GAIN –40°C
GAIN +85°C
Figure 68. Performance of Gain-Stable Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com