Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5906ACPZN-R2
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5906ACPZN-R2 Datasheet HTML 22Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 23Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 24Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 25Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 26Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 27Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 28Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 29Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Data Sheet
ADL5906
EVALUATION BOARD
analog.com
Rev. B | 28 of 30
The ADL5906-EVALZ is a fully populated, 4-layer, FR4-based eval-
uation board. For normal operation, it requires a 5 V/100 mA power
supply. The 5 V power supply must be connected to the VPOS and
GND test loops. The RF input signal is applied to the SMA connec-
tor (RFIN). The output voltage is available on the SMA connector
(VOUT1) or on the test loop (VOUT). Configuration options for the
evaluation board are listed in Table 8.
Figure 63. Evaluation Board Schematic
Table 8. Evaluation Board Configuration Options
Component
Function/Notes
Default Value
RFIN, R3, C10,
C12
RF input. The evaluation board is configured for single-ended drive on the RFIN+ pin (Pin 14). Capacitors C10 and
C12 have been set large enough so that the full frequency range of the device is covered. If operation down to 10
MHz is not required, the value of these capacitors can be reduced.
RFIN = SMA connector, C10 =
C12 = 10 nF, R3 = 60.4 Ω
VTGT, R10, R11
VTGT interface. R10 and R11 are set up to provide 0.8 V to VTGT derived from VREF. If R10 and R11 are removed,
an external voltage can be applied on the VTGT test point.
VTGT = black test loop, R10 =
3.74 kΩ, R11 = 2 kΩ, VTGT =
0.8 V
VPOS, GND, C3,
C4, C5,C7
Power supply interface and decoupling. Apply the power supply for the evaluation board to the VPOS and GND test
loops. The nominal supply decoupling consists of a 100 pF capacitor and a 0.1 µF capacitor on each power supply
pin, with the 100 pF capacitor placed closer to the pin.
VPOS = red test loop, GND =
black test loop, C3 = C7 = 0.1
µF, C4 = C5 = 100 pF
VOUT, VOUT1,
VSET, R1, R2, R6,
R15
Output interface. In measurement mode, a portion of the voltage at the VRMS pin is fed back to the VSET pin via R6
(R6 is normally set to 0 Ω). Using the voltage divider created by R2 and R6, the magnitude of the slope of VRMS is
increased by reducing the portion of VRMS that is fed back to VSET. Resistors R1 and R15 can be used to reduce the
output slope.
VOUT = black test loop, VOUT1
= SMA connector, VSET = black
test loop, R1 = R6 = 0 Ω, R15 =
R2 = open
In controller mode, R6 must be open. In this mode, the ADL5906 can control the gain of a variable gain amplifier
(VGA) or voltage variable attenuator (VVA). A setpoint voltage is applied to the VSET test loop, and the VRMS test
loop or SMA connector drives the gain control input of the VGA/VVA.
C9
RMS averaging capacitor. The value of the rms averaging capacitor should be set based on the peak-to-average ratio
of the input signal and based on the desired output response time and residual output noise.
C9 = 0.1 µF
TC2, R9, R12
TADJ/PWDN interface. The TADJ/PWDN pin controls the slope temperature compensation and/or shuts down the
device. The evaluation board is configured with VTADJ connected to VREF through a resistor divider (R9, R12). This
voltage divider can be removed (or simply overdriven) allowing for the external application of a voltage to the VTADJ
pin by applying a voltage to the TC2 test point.
TC2 = black test loop, R9 = 1.5
kΩ, R12 = 270 Ω, VTADJ = 0.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com