Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5062-EVALZ
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5062-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 9Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 10Page - Analog Devices ADRF5062-EVALZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
ADRF5062
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 8 of 11
INPUT POWER COMPRESSION, RF IMBALANCE, AND GROUP DELAY
VDD = 3.3 V, VSS = −3.3 V, VCTL = 0 V or 3.3 V, TCASE = 25°C, and a 100 Ω differential system, unless otherwise noted. RF1 refers to the RF1P
and RF1N differential pair, and RF2 refers to the RF2P and RF2N differential pair.
Figure 12. P0.1 dB vs. Frequency
Figure 13. Amplitude Imbalance vs. Frequency, RF1 and RF2
Figure 14. Phase Imbalance vs. Frequency, RF1 and RF2
Figure 15. P0.1 dB vs. Frequency, Low-Frequency Detail
Figure 16. Group Delay vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com