Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N24C256X Datasheet(PDF) 2 Page - ON Semiconductor

Part # N24C256X
Description  256 Kb I2C CMOS Serial EEPROM with Software Write Protect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N24C256X Datasheet(HTML) 2 Page - ON Semiconductor

  N24C256X Datasheet HTML 1Page - ON Semiconductor N24C256X Datasheet HTML 2Page - ON Semiconductor N24C256X Datasheet HTML 3Page - ON Semiconductor N24C256X Datasheet HTML 4Page - ON Semiconductor N24C256X Datasheet HTML 5Page - ON Semiconductor N24C256X Datasheet HTML 6Page - ON Semiconductor N24C256X Datasheet HTML 7Page - ON Semiconductor N24C256X Datasheet HTML 8Page - ON Semiconductor N24C256X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
N24C256X
www.onsemi.com
2
Figure 1. Functional Symbol and Typical Application
Vcc
SCL
Vss
Vcc
GND
Rp
Rp
1.2V
1.7V to 5.5V
N24C256X
Controller
SDA
SCL
SDA
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Storage Temperature Range
–65 to +150
°C
Operational Temperature Range
–40 to +125
°C
Voltage on Any Pin with Respect to Ground (Note 1)
–0.5 to +6.5
V
Electrostatic pulse (VESD)
HBM − Human Body Model (Note 2)
2000
V
CDM – Charged Device Model
1000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. During transitions with VCC = 1.7 V to 5.5 V, the voltage on any pin may undershoot to no less than −1.0 V or overshoot to no more than VCC
+ 1.0 V, for periods of less than 20 ns.
2. Positive and negative pulses applied on different combinations of pin connections, according to AEC−Q100−002 (compliant with
ANSI/ESDA/JEDEC JS−001−2012, C1 = 100 pF, R1 = 1500 W).
Table 2. RELIABILITY CHARACTERISTICS (Note 3)
Symbol
Parameter
Min
Units
NEND (Note 4)
Endurance
1,000,000
Program/Erase Cycles
TDR (Note 4)
Data Retention
100
Years
3. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
4. Page Mode, VCC = 5 V, TA = 25°C
Table 3. DC AND AC OPERATING CHARACTERISTICS
Supply Voltage / Temperature Range
Operation
VCC = 1.7 V to 5.5 V, TA = −40°C to +125°C
READ / WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com