Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5505 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC5505
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5505 Datasheet(HTML) 3 Page - Analog Devices

  LTC5505 Datasheet HTML 1Page - Analog Devices LTC5505 Datasheet HTML 2Page - Analog Devices LTC5505 Datasheet HTML 3Page - Analog Devices LTC5505 Datasheet HTML 4Page - Analog Devices LTC5505 Datasheet HTML 5Page - Analog Devices LTC5505 Datasheet HTML 6Page - Analog Devices LTC5505 Datasheet HTML 7Page - Analog Devices LTC5505 Datasheet HTML 8Page - Analog Devices LTC5505 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC5582
3
Rev. D
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2nd Order Harmonic Distortion
At RF Input; CW Input; PIN = 0dBm
67
dBc
3rd Order Harmonic Distortion
At RF Input; CW Input; PIN = 0dBm
62
dBc
fRF = 880MHz
RF Input Power Range
CW; Single-Ended, 50Ω
–57 to 2
dBm
Linear Dynamic Range (Note 6)
±1dB Linearity Error
59
dB
Output Slope
29.3
mV/dB
Logarithmic Intercept (Notes 4, 6)
–86.4
dBm
Output Variation vs Temperature
Normalized to Output at 25°C, Pin = –50dBm to 0dBm
l
±0.5
dB
Deviation from CW Response
11dB Peak to Average Ratio (3-Carrier CDMA2K)
12dB Peak to Average Ratio (4-Carrier WCDMA)
0.1
0.1
dB
dB
2nd Order Harmonic Distortion
At RF Input; CW Input; PIN = 0dBm
69
dBc
3rd Order Harmonic Distortion
At RF Input; CW Input; PIN = 0dBm
59
dBc
fRF = 2140MHz
RF Input Power Range
CW; Single-Ended, 50Ω
–56 to 1
dBm
Linear Dynamic Range (Note 6)
±1dB Linearity Error
50
57
dB
Output Slope
26
29.5
33
mV/dB
Logarithmic Intercept (Notes 4, 6)
–98
–85
–72
dBm
Output Variation vs Temperature
Normalized to Output at 25°C, Pin = –47dBm to 0dBm
l
±0.5
dB
Deviation from CW Response
11 dB Peak to Average Ratio (3-Carrier CDMA2K)
12dB Peak to Average Ratio (4-Carrier WCDMA)
0.1
0.1
dB
dB
fRF = 2700MHz
RF Input Power Range
CW; Single-Ended, 50Ω
–55 to 1
dBm
Linear Dynamic Range (Note 6)
±1dB Linearity Error
56
dB
Output Slope
29.8
mV/dB
Logarithmic Intercept (Notes 4, 6)
–83.8
dBm
Output Variation vs Temperature
Normalized to Output at 25°C, Pin = –47dBm to 0dBm
l
±0.5
dB
Deviation from CW Response
12dB Peak to Average Ratio (WiMAX OFDM)
0.2
dB
fRF = 3800MHz
RF Input Power Range
CW; Single-Ended, 50Ω
–51 to 2
dBm
Linear Dynamic Range (Note 6)
±1dB Linearity Error
53
dB
Output Slope
30.3
mV/dB
Logarithmic Intercept (Notes 4, 6)
–81
dBm
Output Variation vs Temperature
Normalized to Output at 25°C, Pin = –51dBm to 2dBm
l
±1
dB
Deviation from CW Response
12dB Peak to Average Ratio (WiMAX OFDM)
0.2
dB
fRF = 5800MHz
RF Input Power Range
CW; Single-Ended, 50Ω
–46 to 3
dBm
Linear Dynamic Range (Note 6)
±1dB Linearity Error
49
dB
Output Slope
30.9
mV/dB
Logarithmic Intercept (Notes 4, 6)
–74.7
dBm
Output Variation vs Temperature
Normalized to Output at 25°C, Pin = –46dBm to 2dBm
l
±1
dB
Deviation from CW Response
12dB Peak to Average Ratio (WiMAX OFDM)
0.2
dB
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V. Test circuit is shown in Figure 1. (Notes 2 and 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com