Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

573613 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 573613
Description  Pneumatic interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

573613 Datasheet(HTML) 1 Page - Festo Corporation.

  573613 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic interface
VABA-S6-1-X2-D
Part number: 573613
General operating condition
Data sheet
Feature
Value
Valve manifold interface
Type 44, VTSA
Diagnostics
Undervoltage of pneumatic valves
Max. no. of valve positions
16 for bistable pneumatic valves
32 for monostable pneumatic valves
LED indicators
1 group diagnostics
Channel status on pneumatic valves
Parameterization
Fail-safe modes per channel
Forcing per channel
Idle mode per channel
Module monitoring
Fuse protection (short circuit)
Internal electronic fuse per pneumatic valve output
DC operating voltage range
21.6 V ... 26.4 V
Intrinsic current consumption at nominal operating voltage
Typ. 15 mA (electronics operating voltage supply)
Typ. 50 mA (pneumatic valve load power supply)
Max. power supply per channel
0.2 A
Max. residual current per module
4 A
Nominal operating voltage DC
24 V
Electrical isolation between channel and internal bus
Yes, when using an additional supply for the pneumatic valves
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Degree of protection
IP65
NEMA 4
Ambient temperature
-5 °C ... 50 °C
Product weight
590 g
Electrical actuation
Fieldbus
Electrical connection
Via CPX
Note on materials
RoHS-compliant
Cover material
PA
Housing material
Die-cast aluminum
12/5/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 573613

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5736 POMONA-5736 Datasheet
814Kb / 3P
Universal Adapter Kit
5736 POMONA-5736 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Festo Corporation.
573645 FESTO-573645 Datasheet
82Kb / 1P
Power supply module
8/8/22
573646 FESTO-573646 Datasheet
83Kb / 1P
Power supply module
8/8/22
573695 FESTO-573695 Datasheet
74Kb / 1P
Multi-pin plug socket
More results

Similar Description - 573613

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
CCES-P-C8-E FESTO-CCES-P-C8-E Datasheet
80Kb / 1P
Pneumatic counter
PZA-E-C FESTO-PZA-E-C Datasheet
76Kb / 1P
Pneumatic counter
12638 FESTO-12638 Datasheet
89Kb / 1P
Pneumatic muffler
12741 FESTO-12741 Datasheet
79Kb / 1P
Pneumatic muffler
2307 FESTO-2307 Datasheet
101Kb / 1P
Pneumatic muffler
2316 FESTO-2316 Datasheet
97Kb / 1P
Pneumatic muffler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com