Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8068240 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8068240
Description  Pneumatic interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8068240 Datasheet(HTML) 1 Page - Festo Corporation.

  8068240 Datasheet HTML 1Page - Festo Corporation. 8068240 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pneumatic interface
VABA-S6-1-X2-F1-CB
Part number: 8068240
General operating condition
Data sheet
Feature
Value
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Valve manifold interface
Type 44, VTSA-F-CB
Diagnostics
Wire break per valve coil
Short circuit of pneumatic valves
Undervoltage of pneumatic valves
Max. no. of valve positions
12 for bistable pneumatic valves
24 for monostable pneumatic valves
LED indicators
1 group diagnostics
Parameterization
Fail-safe modes per channel
Forcing per channel
Idle mode per channel
Module monitoring
Fuse protection (short circuit)
Internal electronic fuse per pneumatic valve output
DC operating voltage range
21.6 V ... 26.4 V
Intrinsic current consumption at nominal operating voltage
Typ. 110 mA for electronics with CPX-FVDA-P2
Typ. 25 mA for pneumatic valves without CPX-FVDA-P2
Typ. 45 mA for electronics without CPX-FVDA-P2
Typ. 90 mA for pneumatic valves with CPX-FVDA-P2
Max. power supply per channel
0.2 A
Max. residual current per module
4.5 A
Nominal operating voltage DC
24 V
Electrical isolation between channel and internal bus
Yes, when using an additional supply for the pneumatic valves
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 60 °C
Degree of protection
IP65
Ambient temperature
-5 °C ... 50 °C
Product weight
734 g
Electrical actuation
Fieldbus
Electrical connection
Via CPX
Note on materials
RoHS-compliant
Material of sub-base
Die-cast aluminum
Cover material
PA
12/5/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8068240

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8068241 FESTO-8068241 Datasheet
105Kb / 2P
Pneumatic interface
More results

Similar Description - 8068240

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
CCES-P-C8-E FESTO-CCES-P-C8-E Datasheet
80Kb / 1P
Pneumatic counter
PZA-E-C FESTO-PZA-E-C Datasheet
76Kb / 1P
Pneumatic counter
12638 FESTO-12638 Datasheet
89Kb / 1P
Pneumatic muffler
12741 FESTO-12741 Datasheet
79Kb / 1P
Pneumatic muffler
2307 FESTO-2307 Datasheet
101Kb / 1P
Pneumatic muffler
2316 FESTO-2316 Datasheet
97Kb / 1P
Pneumatic muffler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com