Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304X-BND-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DCS-7304X-BND-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304X-BND-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  DCS-7304X-BND-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Enhanced Features for High Performance Networks
The Arista 7300X Series delivers a suite of advanced traffic control and monitoring features to improve the agility of modern high
performance environments, with solutions for data monitoring, precise timing and next-generation virtualization.
Smart System Upgrade
Smart System Upgrade is a network application designed to address one of the most complicated and challenging tasks facing data
center administrators - network infrastructure maintenance. Changes to the underlying network infrastructure can affect large numbers
of devices and cause significant outages. SSU provides a fully customizable suite of features that tightly couples data center
infrastructure to technology partners allowing for intelligent insertion and removal, programmable updates to software releases and
open integration with application and infrastructure elements.
Precise Data Analysis
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture affected traffic for analysis.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and emerging encapsulation
technologies such as VXLAN. The 7300 Series builds on the valuable tools already provided by the Arista VM Tracer suite to integrate
directly into encapsulated environments. Offering a wire-speed gateway between VXLAN and traditional L2/3 environments, the 7300
Series makes integration of non-VXLAN aware devices including servers, firewalls and load-balancers seamless and provides the ability
to leverage VXLAN as a standards based L2 extension technology for non-MPLS environments.
Advanced Event Management (AEM)
Simplifying the overall operations, AEM provides the tools to customize alerts and actions. AEM is a powerful and flexible set of tools to
automate tasks and customize the behavior of EOS and the operation of the overall data center switching infrastructure. AEM allows
operators to fully utilize the intelligence within EOS to respond to real-time events, automate routine tasks, and automate actions based
on changing network conditions.
Uni ed Forwarding Table
Cloud network scalability is directly impacted by the size of a switches forwarding tables. In many systems a 'one size fits all' approach is
adopted using discrete fixed size tables for each of the common types of forwarding entry. The Arista 7300X leverages a common
Unified Forwarding Table for the L2 MAC, L3 Routing, L3 Host and IP Multicast forwarding entries, which can be partitioned per entry
type. The ideal size of each partition varies depending on the network deployment scenario. The flexibility of the UFT coupled with the
range of pre-defined configuration profiles available on the 7300X ensures optimal resource allocation for all network topologies and
network virtualization technologies. Algorithmic Longest Prefix Match (ALPM) allows for the shared UFT to be expanded to contain up
to 128K longest prefix match (LPM) route entries.
Designed for High Availability and Manageability
The Arista 7300 Series are designed for continuous operations with system wide monitoring of both hardware and software
components, simple serviceability and provisioning to prevent single points of failure. The hardware supports high-availability with
hot-swap of all components with redundant supervisors, power supplies, fabric and cooling modules. Fabric redundancy provides
deterministic degradation and integrated reversible fan systems for dynamic temperature control combined with N+1 redundancy.
Each of the 7300 Series offers power redundancy that supports both power source and power supply redundancy.
The Arista EOS software enabled stateful failover (*) between the dual redundant supervisors as well as self-healing stateful fault
containment (SFC), stateful fault repair (SFR) and live patching through in-service-software updates to help ensure continuous service.
The Arista 7300 lowers total cost of ownership as it is designed to be efficient with power per port as low as 3W per 10GbE port which
combined with reversible cooling to for both leaf and spine data center deployment produces the most reliable, dense and power
efficient modular switch.
7300 Series | Platform Overview
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com