Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7308X-BND2-DC-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7308X-BND2-DC-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308X-BND2-DC-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7308X-BND2-DC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7300 Series | Platform Overview
Scaling Data Center Performance
The Arista 7300X Series delivers wire speed switching at later 2 and layer 3 to enable dramatically faster and simpler network designs for
data centers that lowers network capital and operational expenses. When used in conjunction with Arista 1G and 10G leaf switches and
Arista’s Multi-Chassis Link Aggregation (MLAG) technology, a pair of 7300X Switches can support over 12,000 Servers with a leaf and
spine active/active L2 network topology. A combination of 16 7300X in a spine at Layer 3 scales the network up to over 16K 10G Servers
in a fully non-blocking, low-latency, two-stage network that provides predictable and consistent application performance. The flexibility
of the L2 and L3 multi-path design options combined with support for open standards provides maximum flexibility, scalability and
network wide virtualization. Arista EOS advanced features provides control, and visibility with single point of management.
Dynamic Bu er Allocation
In cut-through mode, the Arista 7300X series switches forward packets with a latency of less than 2 usec. Upon congestion, the packets
are buffered in shared packet memory that has a total size of 12 Mbytes. Unlike other architectures that have fixed per-port packet
memory, the 7300X Series use Dynamic Buffer Allocation (DBA) to allocate up to 6MB of packet memory to a single port for lossless
forwarding.
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as wide as 64-way
without significant changes to the architecture. The 7300X Series include enhancements that allow for flexible scale-out designs:
• 64-way ECMP and 64-way MLAG to provide scalable designs and balance traffic evenly across large scale 2 tier leaf-spine designs
• Flow based FDLB architecture to balance large flows and dynamic packet buffering to absorb congestion from microbursts
• Flexible allocation of L2 and L3 forwarding table resources for more design choice
• Wide choice of dense 10GbE and 40GbE modules with broad range of optics and cables for multi-speed flexibility
• VXLAN routing, bridging and gateway for physical to virtualization communication to enable next generation data center designs
• DANZ, sFlow, and multi-port mirroring to detect micro-burst congestion and provide network wide visibility and monitoring
Arista Leaf-Spine Two-Tier and Spline One-Tier Network Architectures
Software De ned Cloud Networks
Arista Software Defined Cloud Networking (SDCN), combines the principles that have made cloud computing the unstoppable force
that it is: automation, self service provisioning, and linear scaling of both performance and economics coupled with the trend in
Software Defined Networking that delivers: network virtualization, custom programmability, simplified architectures, and lower capital
expenditure. This combination creates a best-in-class software foundation for maximizing the value of the network to both the
enterprise and service provider data center. A new architecture for the most mission-critical location within the IT infrastructure that
simplifies management and provisioning, speeds up service delivery, lowers costs and creates opportunities for competitive
differentiation, while putting control and visibility back in the hands of the network and systems administrators.
The Four Pillars of Arista's Software De ned Cloud Networking:
• Universal Cloud Network - scalable standards based MLAG at Layer 2, ECMP for Layer 3 and VXLAN for most flexibility
• Cloud Control - Standards based AEM, ZTP/ZTR, LANZ and DANZ
• Network Wide Virtualization - Multi-vendor API Support with eAPI, VXLAN and NSX, and other encapsulation techniques
• Network Applications and Automated Management - Network applications; single point of management and open - Openflow,
Openstack, OpenVirtualSwitch and OVSDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com