Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304XFM-R Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # DCS-7304XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304XFM-R Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button DCS-7304XFM-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 17Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Chapter
2
Preparation
2.1
Site Selection
Describes the location specifications.
Consider the following criteria when selecting a site to install the switch:
Floor Space:Install the switch in an area that provides adequate clearance for removing front and rear
components. Thre following figure displays switch clearance requirements.
Figure 1: Switch Component Removal Footprint
1. Temperature and Ventilation: For proper ventilation, install the switch where there is ample airflow
to the front and back of the switch. The temperature should not go below 0° or exceed 40°C.
Important: To prevent the switch from overheating, do not operate it in an area where the
ambient temperature exceeds 40°C (104°F).
Pour empêcher l'interrupteur de surchauffe, ne pas utiliser il dans une zone où la
température ambiante est supérieure à 40°C (104°F).
2. Airflow Orientation: Determine airflow direction of the fan modules and power supply modules.
Fan and power supply module handles indicate airflow direction:
•
Blue Handle: Air Inlet module.
•
Red Handle: Air Exit module.
Front Panels displays power supply module locations on the front panel. Rear Panels displays fan
module locations on the rear panel (DCS-7316 switches may also contain rear panel power supply
modules). Verify the airflow direction of all modules satisfy these criteria:
•
All rear panel modules have the same color handles.
•
All front panel modules have the same color handles.
•
Rear panel modules must have different color handles than front panel modules.
Orient the switch to assure that the air intake modules face the cool aisle. If the airflow direction is
not compatible with the installation site, contact your sales representative to obtain modules that
circulate air in the opposite direction.
•
Rack Space: Install the switch in a 19" rack or cabinet. The switch height depends on the switch
model, as specified in Table 1: 7300 Modular Switch and Component Specifications . Verify that
the linecard and supervisor removal clearance (Figure 1: Switch Component Removal Footprint )
provide adequate space for the power and data cables that connect to the switch.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com