Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304X-FM-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7304X-FM-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304X-FM-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7304X-FM-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7304X-FM-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
7300 Series Data Center Switch
Data Sheet
Product Highlights
Performance
• Over 20 Terabits per second fabric capacity
• Up to 15 billion packets per second
• Up to 2.56 Terabit per second per line card
• Wire speed L2 and L3 forwarding
• 1,024 wire-speed 10GbE ports
• 256 wire-speed 40GbE ports
• Latency below 2usec
High Availability
• 1+1 Supervisor redundancy
• N+N Grid redundant power system
• N+1 Fan module redundancy
• Redundant fabric modules
Cloud Networking Ready
• VXLAN and VM Tracer
• OpenFlow, DirectFlow and eAPI
• 12MB Dynamic Buffer per port group
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for visibility
• sFlow
• Self-configure and recover from USB
• Advanced Event Monitoring
Resilient Control Plane
• Quad-core Hyper-threaded x86 CPU
• 16GB DRAM / 4GB Flash
• Dual Supervisor modules
• User applications can run in a VM
Data Center Class Design
• 8RU and 13RU chassis options
• Front-to-back or back-to-front reversible
airflow for optimized cooling
• Under 3W per 10GbE port typical power
for lower cost of ownership
• Dense 10GbE and 40GbE
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full access to Linux shell and tools
• Extensible platform - bash, python, C++
Overview
The Arista 7300 Series modular switches are part of the Arista portfolio of data
center switches. The 7300 Series with 7300X Series line cards increase flexibility and
scalability for data center switches supporting both leaf and spine and SplineTM
applications for collapsed end of row and aggregation. The 7300X systems share a
common architecture with the Arista 7050X and 7250X Series and offer a choice of
two modular systems, a 4-slot and 8-slot that support advanced features for
network monitoring, precision timing and network virtualization to deliver scalable
high performance for software defined cloud networking.
Increased adoption of 10 Gigabit Ethernet servers and applications requiring higher
bandwidth is driving rapid adoption of 10 and 40 Gigabit Ethernet switching. The
7300 Series support a choice of high density line cards in combination with wire
speed layer 2/3/4 performance that provides a flexible combination of 100M, 1G,
10G and 40G switching to design large leaf and spine networks for scale-out of
east-west traffic patterns with low latency and power efficiency.
With reversible front-to-rear or rear-to-front airflow, redundant and hot swappable
supervisor, power, fabric and cooling modules the system is purpose built for data
centers. The 7300 Series is energy efficient with typical power consumption of
under 3 watts per 10GbE port for a fully loaded chassis. All of these attributes make
the Arista 7300 Series an ideal platform for building reliable, low latency, resilient
and scalable data center networks. Combined with Arista EOS the 7300 Series
delivers advanced features for big data, cloud, virtualized and traditional designs.
Arista 7300X Series Modular Data Center Switches
Arista EOS
All Arista products including the 7300 Series runs the same Arista EOS software
binary image simplifying network administration with a single standard across all
switches. Arista EOS is a modular switch operating system with a unique state
sharing architecture that cleanly separates switch state from protocol processing
and application logic. Built on top of a standard Linux kernel, all EOS processes run
in their own protected memory space and exchange state through an in-memory
database. This multi-process state sharing architecture provides the foundation for
in-service-software updates and self-healing resiliency together with stateful
switchover without the loss of data plane forwarding.
Arista EOS enables advanced monitoring and automation capabilities such as Zero
Touch Provisioning, LANZ, VM Tracer and Linux based tools to be run natively on the
switch.


Similar Part No. - DCS-7304X-FM-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7304X-FM ARISTA-DCS-7304X-FM Datasheet
6Mb / 66P
Quick Start Guide 7300 Series Modular Data Center Switches
More results

Similar Description - DCS-7304X-FM-R

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
NM02 CHERRY-NM02 Datasheet
445Kb / 2P
center-off switch
logo
NIHON DEMPA KOGYO
7311S-DF-104X NDK-7311S-DF-104X Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-505P NDK-7311S-DF-505P Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-505X NDK-7311S-DF-505X Datasheet
375Kb / 1P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DG-505X NDK-7311S-DG-505X Datasheet
375Kb / 1P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-104P NDK-7311S-GF-104P Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-104X NDK-7311S-GF-104X Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-505P NDK-7311S-GF-505P Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-505X NDK-7311S-GF-505X_15 Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
logo
Kingston Technology Far...
SEDC450R KINGSTON-SEDC450R Datasheet
1Mb / 2P
DATA CENTER DC450R SSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com