Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7368X4-SC-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7368X4-SC-R
Description  7368X4 Series 100/200/400G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7368X4-SC-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button DCS-7368X4-SC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7368X4-SC-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Supported Optics and Cables *
400GbE Interface
OSFP ports
400GBASE-CR8
OSFP to OSFP: 0.5m-3m
400GBASE-AOC
OSFP to OSFP: 3m-30m
400GBASE-SR8
100m
400GBASE-DR4
500m
400GBASE-XDR4
2km
400GBASE-FR4
2km
400GBASE-2FR4
2km
400GBASE-LR4
10km
200GBASE-CR
OSFP to 2xQSFP: 1m to 3m lengths
100GBASE-CR2
OSFP to 4xQSFP: 1m to 3m lengths
100GBASE-CR4 **
OSFP to 2xQSFP: 1m to 3m lengths
50GBASE-CR2 **
OSFP to 4xQSFP: 1m to 3m lengths
25GBASE-CR **
OSFP to 8xSFP: 1m to 3m lengths
400GbE Interface
QSFP-DD ports
400GBASE-CR8
QSFP-DD to QSFP-DD: 0.5m-2.5m
400GBASE-AOC
QSFP-DD to QSFP-DD: 3m-30m
400GBASE-SR8
100m
400GBASE-DR4
500m
400GBASE-XDR4
2km
400GBASE-FR4
2km
400GBASE-2FR4
2km
400GBASE-LR4
10km
200GBASE-CR
QSFP-DD to 2xQSFP: 1m to 2.5m lengths
100GBASE-CR2
QSFP-DD to 4xQSFP: 1m to 2.5m lengths
100GBASE-CR4 **
QSFP-DD to 2xQSFP: 1m to 3m lengths
50GBASE-CR2 **
QSFP-DD to 4xQSFP: 1m to 3m lengths
25GBASE-CR **
QSFP-DD to 8xSFP: 1m to 3m lengths
7368X4 Series | Technical Speci cations
* Check EOS release notes for support
Supported Optics and Cables *
40GbE
40G QSFP ports
40GBASE-CR4
0.5m to 5m QSFP+ to QSFP+
40GBASE-AOC
3m to 100m
40GBASE-UNIV
150m (OM3) /150m (OM4) /500m (SM)
40GBASE-SRBD
100m (OM3) /150m (OM4)
40GBASE-SR4
100m (OM3) /150m (OM4)
40GBASE-XSR4
300m (OM3) /450m (OM4)
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-LRL4
1km
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LR4
10km
40GBASE-ER4
40km
100GbE
100G QSFP ports
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-XSR4
170m OM3 / 300m OM4 Parallel MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 Duplex MMF
100GBASE-SRBD
70m OM3 / 100m OM4 Duplex MMF
100GBASE-LR
10km SM Duplex
100GBASE-LR4
10km SM Duplex
100GBASE-LRL4
2km SM Duplex
100GBASE-XCWDM4
10km SM Duplex
100GBASE-CWDM4
2km SM Duplex
100GBASE-FR
2km SM Duplex
100GBASE-DR
500m SM Duplex
100GBASE-PSM4
500m SM Parallel
100GBASE-AOC
1m to 30m
100GBASE-ERL4
40km SM Duplex
100GBASE-CR4
QSFP to QSFP: 1m to 5m
** Requires OSFP / QSFP-DD port to be con gured for 200G, 8 x
25G NRZ lanes. Allows interop with 100G QSFP and 25G SFP ports



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com