Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002H-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7002H-R
Description  7358X4 Series 100/200/400G Data Center Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002H-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7002H-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7002H-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Overview
As enterprises continue to optimize data center facilities for modern cloud-native
applications, collaboration tools, containerized services and emerging AI/ML
technologies, the requirement for high capacity, low latency networking is driving a
attening of data center architectures and high bandwidth interconnectivity
between facilities and the public cloud. In addition to the need for next generation
systems that deliver higher scale, optimized for cost and energy e ciency,
enterprises require rich functionality and broad compatibility with existing networks
and automation and orchestration systems.
The Arista 7358X4 series is built on a single 12.8 Tbps high capacity packet processor
in an extremely compact and power e cient 4RU modular form factor that increases
the network radix for high density switching, reduces tiers and simpli es networks
while providing exibility to deploy a range of interface types. Line rate performance
with up to 128 ports of 100G or 32 ports of 400G combined with broad support for
enterprise grade features including EVPN/VXLAN.
400G Ethernet is a key enabler in realizing modern high performance infrastructure,
o ering the ability to not only carry large volumes of data, but also to signi cantly
increase the radix of 100Gbps networks and to support emerging 50/100/200Gbps
server and storage connectivity driven by the adoption of PCIe Gen4. The Arista
7358X4, with the Arista 7050X4 and 7050X3 portfolio of data center switches,
delivers a rich choice of port speed and density including 25G, 50G, 100G, 200G and
400G enabling consistent network architectures that scale from small dedicated
clusters to very large multi-tier and multi-plane topologies.
All elements of the 7358X4 are eld replaceable, and optimized for simple
maintenance, a broad range of network interfaces with a choice of industry standard
interfaces allowing for easy transitions to the latest 100G/400G networks. Combined
with Arista EOS the 7358X4 series deliver advanced features for high performance
enterprise data centers, HPC and machine learning clusters.
7358X4 Series 100/200/400G Data Center Switches
Data Sheet
Product Highlights
Performance
• 7358X4: 128 x 100G or 32 x 400G
• High density 100G and 400G
• Flexible 10G, 25G, 100G, 200G and 400G
support
• Up to 12.8 Tbps system capacity
• Up to 5.3 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 900 ns for 400G
Data Center Optimized Design
• 128 ports of 100G in 4RU
• All active components eld removable
• Mix and match IO Modules
• Typical power of under 10W per 100G port
• Over 93% e cient power supplies
• N+N redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Front-to-rear and rear-to-front cooling
• Tool less rails for simple installation
Cloud Networking Ready
• VXLAN and EVPN
• 128K MAC entries
• 800K/500K* IPv4/v6 Routes
• 128-way ECMP for scale-out networks
• Up to 320K/80K IPv4/v6 Host Routes
• 132MB integrated intelligent bu er with
dynamic bu er allocation
Resilient Control Plane
• High Performance x86 CPU
• 32GB DRAM
• User applications can run in a VM
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection*
• DANZ Advanced Mirroring for visibility
• sFlow
• INT and GREEN-T for In-Band Telemetry*
• Self-con gure and recover from USB
• Tra c aware ECMP and UCMP
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• 64-bit EOS
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++,
GO, OpenCon g
Arista EOS
The Arista 7358X4 series run the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7358X4: 128 ports of 25G or 100G, or 32 ports of 400G


Similar Part No. - FAN-7002H-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7002H-R ARISTA-FAN-7002H-R Datasheet
1Mb / 16P
Data Center Switch Router
June 20th, 2023
FAN-7002H-R ARISTA-FAN-7002H-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
FAN-7002H-R ARISTA-FAN-7002H-R Datasheet
1Mb / 10P
7260X3 Series 10/25/40/50/100G Data Center Switches
FAN-7002H-R ARISTA-FAN-7002H-R Datasheet
1Mb / 10P
7368X4 Series 100/200/400G Data Center Switches
Sep 2nd, 2024
More results

Similar Description - FAN-7002H-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
112036-0035 MOLEX2-112036-0035 Datasheet
1Mb / 3P
Series 200 Unmanaged Switches
logo
KR Electronics, Inc.
2649-2 KR-2649-2 Datasheet
91Kb / 3P
200 MHz Center Frequency
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
200 KHz Center Frequency
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com