Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-1900-DC-R Datasheet(PDF) 12 Page - Arista Networks, Inc

Part # PWR-1900-DC-R
Description  7358X4 Series 100/200/400G Data Center Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-1900-DC-R Datasheet(HTML) 12 Page - Arista Networks, Inc

Back Button PWR-1900-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 13Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
7358X4 Series | Ordering Information
Product Number
Product Description
DCS-7358X-BND-F
Arista 7358X chassis bundle. Includes 7368 chassis, 2 x AC PS, Supervisor, 7358X4-SC and Fans (front to rear air ow)
DCS-7358X-BND-R
Arista 7358X chassis bundle. Includes 7368 chassis, 2 x AC PS, Supervisor, 7358X4-SC and Fans (rear to front air ow)
DCS-7358X-BND-D-F
Arista 7358X chassis bundle. Includes 7368 chassis, 2 x AC PS, Supervisor-SSD, 7358X4-SC and Fans (front to rear air ow)
DCS-7358X-BND-D-R
Arista 7358X chassis bundle. Includes 7368 chassis, 2 x AC PS, Supervisor-SSD, 7358X4-SC and Fans (rear to front air ow)
DCS-7358X-128-BND-F
Arista 7358X 100G System bundle. Includes 7358X-BND Bundle and 128 x 100G QSFP ports (front to rear air ow)
DCS-7358X-128-BND-R
Arista 7358X 100G System bundle. Includes 7358X-BND Bundle and 128 x 100G QSFP ports (rear to front air ow)
DCS-7358X-128-BND-D-F Arista 7358X 100G System bundle. Includes 7358X-BND-D Bundle and 128 x 100G QSFP ports (front to rear air ow)
DCS-7358X-128-BND-D-R Arista 7358X 100G System bundle. Includes 7358X-BND-D Bundle and 128 x 100G QSFP ports (rear to front air ow)
DCS-7368-SUP
Supervisor module for 7358X/7368X Series
DCS-7368-SUP-D
Supervisor module for 7358X/7368X Series, with SSD
DCS-7368-4P
Arista 7368X-4P module for 7358X/7368X Series, 4 port 400GbE OSFP (Spare)
DCS-7368-4D
Arista 7368X-4D module for 7358X/7368X Series, 4 port 400GbE QSFP-DD (Spare)
DCS-7358-16C
Arista 7358X-16C module for 7358X/7368X Series, 16 port 100GbE QSFP (Spare)
DCS-7368-16S
Arista 7368X-16S module for 7358X/7368X Series, 16 port 25GbE SFP (Spare)
LIC-FIX-3-E
Enhanced L3 License for Arista Group 3 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-3-Z
Monitoring & Automation license for Arista Group 3 Fixed switches (ZTP, LANZ, TapAgg, OpenFlow)
LIC-FIX-3-V
Virtualization license for Group 3 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-3-V2
EOS Extensions, Security and Partner Integration license for Arista Group 3 Fixed switches
LIC-FIX-3-FLX-L
FLX-Lite License for Arista Fixed switches Group 3 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR (no
TE or link/node protection)
LIC-FIX-3-FLX
FLX License for Arista Fixed Group 3 - Full Routing upto 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS-LER/LSR, with
TE & link/node protection
Note: Many components are common to the 7368X4 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com