Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-1900AC-R Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # PWR-1900AC-R
Description  7368X4 Series 100/200/400G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-1900AC-R Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button PWR-1900AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-1900AC-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Warranty
The Arista 7368X4 switches comes with a one-year limited hardware warranty, which covers parts, repair, or replacement with a 10
business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2024 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
Sep 2nd, 2024
03-0043-15
DCS-7368-CH
Arista 7368 empty chassis, 1 supervisor slot, 8 module slots
DCS-7368X4-SC-F
7368X Switch Card for 7368 chassis, X4-SC, includes Fans (front to rear air ow)
DCS-7368X4-SC-R
7368X Switch Card for 7368 chassis, X4-SC, includes Fans (rear to front air ow)
CAB-C19-C20
Power cord C19 to C20 (2m)
CAB-C19-L6-20
Power cord C19 to L6-20 (2.5m)
Optional Components and Spares
FAN-7002H-F
Spare high speed fan module for Arista 7368X switches (front to rear air ow)
FAN-7002H-R
Spare high speed fan module for Arista 7368X switches (rear to front air ow)
PWR-1900AC-F
Spare 1900 Watt AC power supply for Arista 7368X Switches (front-to-rear air ow)
PWR-1900AC-R
Spare 1900 Watt AC power supply for Arista 7368X Switches (rear to front air ow)
PWR-1900-DC-F
Spare 1900W DC Power Supply for 7368X Switches (front to rear air ow)
PWR-1900-DC-R
Spare 1900W DC Power Supply for 7368X Switches (rear to front air ow)
DCS-7368-PCVR
Blank Cover for 7368 Power Supply Slot
DCS-7368-LCVR
Blank cover for 7368 module slot
KIT-7368
Spare accessory kit for Arista 7358X, 7368X and 7289R Series 4U switches. 4-post mount. (2x C19-C20, 2m)
7368X4 Series | Ordering Information and Contact Details



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com