Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATRD-R-0004T Datasheet(PDF) 2 Page - Abracon Corporation

Part # ATRD-R-0004T
Description  Multi-layer Chip Triplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATRD-R-0004T Datasheet(HTML) 2 Page - Abracon Corporation

  ATRD-R-0004T Datasheet HTML 1Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 2Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 3Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 4Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 5Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 6Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 7Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 8Page - Abracon Corporation ATRD-R-0004T Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-19-24
For terms and conditions of sales, please visit:
www.abracon.com
Multi-layer Chip Triplexer
ATRD-R-0004
2.50 x 2.00 x 0.90 mm
RoHS Compliant
Request Samples
Check Inventory
Parameters
Specification
Units
Notes
Application
Low Band
Middle Band
High Band
Frequency range
698~960
1452~2170
2496~5850
MHz
Insertion Loss
(Max)
0.70 dB max. at 698~960
2.30 dB max. at
1452~1496
1.50 dB max. at
1710~2170
1.84 dB max. at
2496~2690
1.20 dB max. at
3400~3800
0.50 dB max. at
4900~5850
dB
@25
℃
Insertion Loss
(Max)
0.85 dB max. at 698~960
2.50 dB max. at
1452~1496
1.70 dB max. at
1710~2170
2.04 dB max. at
2496~2690
1.40 dB max. at
3400~3800
0.70 dB max. at
4900~5850
dB
@40℃
+85℃
Attenuation
(Absolute value)
12 dB Min. at 1452~1496
15 dB Min. at 1565~1606
20 dB Min. at 1710~2170
20 dB Min. at 2496~2690
20 dB Min. at 3400~3800
20 dB Min. at 4900~5850
23 dB Min. at
698~960
18 dB Min. at
2496~2690
20 dB Min. at
3400~3800
20 dB Min. at
4900~5850
23 dB Min. at 698~960
30 dB Min. at
1452~1496
20 dB Min. at
1710~2170
dB
Return Loss
(dB)
9.54 dB min. at 698~960
6.49 dB min. at
1452~1496
9.54 dB min. at
1710~2170
9.54 dB min. at
2496~2690
7.71 dB min. at
3400~3800
9.54 dB min. at
4900~5850
dB
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com