Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

522.080 Datasheet(PDF) 1 Page - France Joint

Part # 522.080
Description  PISTON SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

522.080 Datasheet(HTML) 1 Page - France Joint

  522.080 Datasheet HTML 1Page - France Joint 522.080 Datasheet HTML 2Page - France Joint 522.080 Datasheet HTML 3Page - France Joint 522.080 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
EXTRUSION GAPS
Radial section
S
Radial gap
F/2
2.45
0.20
3.75
0.25
5.50
0.25
7.75
0.30
10.50
0.30
12.25
0.35
14.00
0.35
19.00
0.40
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
2.45
0.30
0.40
3.00
3.75
0.30
0.60
3.00
5.50
0.30
1.00
3.00
7.75
0.30
1.30
5.00
10.50
0.30
1.80
6.00
12.25
0.30
1.80
8.00
14.00
0.30
2.50
10.00
19.00
0.30
3.00
12.00
DESCRIPTION
The BECA 520-522-524 profiles
are double acting composite piston
seals composed of a pre-tightened
rubber O'Ring and a custom-
made polyurethane friction ring.
ADVANTAGES
Optimal sealing in static and
dynamic applications
Excellent abrasion and wear resistance
Assembled by deformation
APPLICATIONS
Agriculture
Light and medium-sized industry
Machine tools
Material handling/Lifting
MATERIALS
Friction ring
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 96 Shore A - Beige
TPC-E (Hytrel)
O'Ring
NBR 70 Shore A
Other grades of materials are
available. Please refer to the
materials table on the next page.
TECHNICAL DATA
Temperature
-30°C / +100°C
Pressure
25 MPa
Speed
0.5 m/sec
Media
Mineral hydraulic oils
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
PISTON SEALS
BECA
520-522-524
HYDRAULIC SEALS | PISTON SEALS |
BECA 520 - 522 - 524


Similar Part No. - 522.080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
522 LITTELFUSE-522 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
522 ETC2-522 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Legrand North America, ...
522 18 LEGRAND-522 18 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
522 19 LEGRAND-522 19 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
522 20 LEGRAND-522 20 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
More results

Similar Description - 522.080

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
8083959 FESTO-8083959 Datasheet
68Kb / 1P
Piston actuator
8083961 FESTO-8083961 Datasheet
69Kb / 1P
Piston actuator
8083962 FESTO-8083962 Datasheet
68Kb / 1P
Piston actuator
8083963 FESTO-8083963 Datasheet
69Kb / 1P
Piston actuator
8083965 FESTO-8083965 Datasheet
70Kb / 1P
Piston actuator
8083966 FESTO-8083966 Datasheet
69Kb / 1P
Piston actuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com