Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST4L-RKT4L-723 Datasheet(PDF) 3 Page - Belden Inc.

Part # RST4L-RKT4L-723
Description  M12 Power Double-Ended Cordset: Male straight to Female straight, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST4L-RKT4L-723 Datasheet(HTML) 3 Page - Belden Inc.

  RST4L-RKT4L-723 Datasheet HTML 1Page - Belden Inc. RST4L-RKT4L-723 Datasheet HTML 2Page - Belden Inc. RST4L-RKT4L-723 Datasheet HTML 3Page - Belden Inc. RST4L-RKT4L-723 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data Side 2
Product Sub Family, Side 2:
M12 Power
Type of Contact / Gender, Side 2:
female
Connector Design, Side 2:
straight
Attachment Type, Side 2:
Coupling Nut
Number of Pins, Side 2:
4
Coding, Side 2:
L
Contact Resistance, Side 2:
≤ 10 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Mating Cycles, Side 2:
≤ 100
Ambient Temperature (Operation), Side 2*:
-40 °C to +125 °C, notice derating
Protection Degree / IP Rating, Side 2**:
IP65, IP67, IP69K
Design Standard, Side 2:
IEC 61076-2-111
Pollution Degree, Side 2:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Clearance / Creepage Distance, Side 2:
DIN EN 60664-1 (2008/01); VDE 0110-1
Overvoltage Category, Side 2:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material, Side 2:
CuNi
Contact Plating, Side 2:
Cu/Au
Contact Bearer Material, Side 2:
PBT GF
Contact Bearer Color, Side 2:
black
Flammability Class (Contact Bearer), Side 2:
UL 94 V-2
Molded Body Material, Side 2:
TPE
Molded Body Color, Side 2:
blue
Flammability Class (Molded Body), Side 2:
UL 94 HB
Attachment Material, Side 2:
CuZn
Attachment Plating, Side 2:
Cu/Ni
O-Ring Material, Side 2:
FKM
Fastening Torque (Contact Screw), Side 2:
M 12x1: (50-60) Ncm, hand-tight
Approvals
UL-File:
E497237
UL:
UL 2237; cULus
VDE:
Yes
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Halogenfree:
DIN VDE 0472 T.815
Oil Resistance:
HD 22.10 Appendix A, DIN EN 60811-404
Notes
Note Derating:
* Notice derating
Product Characteristics:
To ensure ingress protection, please check the O-ring’s position before connecting. Improperly positioned O-ring leads to ingress protection potential
failure.
Variants
Item #
Item Description
Cable Length
934853193 RST 4L-RKT 4L-723/0,3 M 0.3 m
934853194 RST 4L-RKT 4L-723/0,5 M 0.5 m
934853195 RST 4L-RKT 4L-723/0,6 M 0.6 m
934853196 RST 4L-RKT 4L-723/1 M
1 m
934853197 RST 4L-RKT 4L-723/1,5 M 1.5 m
934853198 RST 4L-RKT 4L-723/2 M
2 m
934853199 RST 4L-RKT 4L-723/3 M
3 m
934853200 RST 4L-RKT 4L-723/5 M
5 m
934853201 RST 4L-RKT 4L-723/6 M
6 m
934853202 RST 4L-RKT 4L-723/10 M
10 m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com