Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627-050-010-059 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 627-050-010-059
Description  627 (Metal) Series,D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

627-050-010-059 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  627-050-010-059 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
63.50 ±0.25
55.42
69.30 ±0.38
1.385
2.77
10°
6.0
10.5
NOTES:
MATERIAL:
HOUSING: THERMOPLASTIC POLYESTER, UL94V-0
SHELL: STEEL, NICKEL PLATED
TOLERANCE
UNLESS OTHERWISE
SPECIFIED
.XX
±0.13
.XXX
DRAWN:
CHECKED:
SW REFERENCE NO.:
PART NUMBER:
SCALE:
YOUR CONNECTION TO QUALITY & SERVICE
WITHOUT WRITTEN PERMISSION.
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
TORONTO, ONTARIO
EDAC INC
CANADA
DO NOT MAKE MANUAL REVISIONS TO MASTER.
THIS IS A C.A.D. GENERATED DRAWING
AUG. 01/2018
SHEET
OF
627 ASSEMBLY
1:1
C.B
DATE:
DATE:
1
ISSUE
ISSUE NUMBER
ORIGINAL
1
THIS SERIES FULLY CONFORMS TO
THE EUROPEAN UNION DIRECTIVES
2011/65/EU FOR RoHS COMPLIANCY.
COMPLIANT
627 SERIES D-SUB CONNECTOR
.X
±0.25
1
1
DRAWING NUMBER:
±0.10
#N/A
#N/A


Similar Part No. - 627-050-010-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
627-050-010-059 EDAC-627-050-010-059 Datasheet
467Kb / 3P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
More results

Similar Description - 627-050-010-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
627-025-620-063 EDAC-627-025-620-063 Datasheet
99Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-242 EDAC-627-025-620-242 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-268 EDAC-627-025-620-268 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-269 EDAC-627-025-620-269 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-621-279 EDAC-627-025-621-279 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-622-041 EDAC-627-025-622-041 Datasheet
93Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-622-042 EDAC-627-025-622-042 Datasheet
93Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-641-077 EDAC-627-025-641-077 Datasheet
101Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-661-276 EDAC-627-025-661-276 Datasheet
100Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-671-056 EDAC-627-025-671-056 Datasheet
101Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com