Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # MCD
Description  Multi-Cloud Director™ Unified Multi-Controller Management For DMF and CCF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

MCD Datasheet(HTML) 1 Page - Arista Networks, Inc

  MCD Datasheet HTML 1Page - Arista Networks, Inc MCD Datasheet HTML 2Page - Arista Networks, Inc MCD Datasheet HTML 3Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Multi-Cloud Director™
• Global Configurations: MCD provides global configurations
that are commonly and consistently applied across all
DMF and CCF deployments, such as sFlow, AAA, NTP, and
syslog etc. Template-based workflow is provided so that
configurations can be easily applied across a subset of DMF
and CCF deployments. MCD also performs compliance checks
on these configurations to ensure consistency across all the
deployments.
• Global Visibility: IT organizations can quickly and intuitively
search the MCD database to visualize various parameters of
DMF and CCF deployments. For example, network admin
can easily identify any endpoint across global deployment of
dozens of controller domains and hundreds of switches. IT-
wide policy compliance can be rapidly audited across switch
and appliance hardware, software and firmware versions,
switch ASICs etc. and exported for reporting purposes.
• Global Operations: MCD provides ability to perform common
and repeated operations across DMF and CCF instances,
such as software upgrades and controller snapshots. These
operations are applied simultaneously across multiple DMF
and CCF controllers, thus speeding up Day1/Day2 operations,
ensuring consistency and accelerating IT compliance globally.
• Global Programmability: MCD provides north-bound APIs
that can be used to program all the DMF and CCF controllers
added to the MCD database thus providing a centralized way
to programmatically manage all your deployments.
Multi-Cloud Director - Overview
Arista Networks® Multi-Cloud Director™(MCD) offers multi-controller federated management for Arista DANZ Monitoring Fabric™ (DMF)
and Converged Cloud Fabric™ (CCF) deployments. MCD provides a one-dashboard experience for DMF and CCF in multi-pod, multi-site
environments. Multi-Cloud Director (MCD) not only consolidates repetitive administration tasks to simplify the management of multiple
networks, but also provides global visibility across your data centers. Organizations realize tremendous operational savings compared
to the cost of operating the massive complexity of a box-by-box network. Multi-Cloud Director provides an intuitive dashboard that
displays real-time data from DMF and CCF controllers. Operations teams can select a specific controller to see a detailed view of a
particular DMF or CCF deployment.
Multi-Cloud Director Benefits
Unified Multi-Controller Management For DMF and CCF
arista.com
arista.com
arista.com
arista.com
1
Datasheet
MCD Provides the following benefits to IT organizations deploying multiple instances of DMFs and CCFs across multiple sites.


Similar Part No. - MCD

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCD-3P4C-302 UOT-MCD-3P4C-302 Datasheet
94Kb / 2P
InGaAs PIN PHOTODIODES
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
InGaAs PIN PHOTODIODES
MCD-3P4C-322 UOT-MCD-3P4C-322 Datasheet
94Kb / 2P
InGaAs PIN PHOTODIODES
MCD-3P4C-332 UOT-MCD-3P4C-332 Datasheet
94Kb / 2P
InGaAs PIN PHOTODIODES
MCD-3T4C-001 UOT-MCD-3T4C-001 Datasheet
93Kb / 2P
155 Mbps PIN-TIA (1310nm) 3.3V
More results

Similar Description - MCD

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3603 AMSCO-AS3603 Datasheet
180Kb / 2P
Multi-Standard Power Management Unit
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
Multi-Platform Multi-Phase PWM Controller
logo
STMicroelectronics
L6566B STMICROELECTRONICS-L6566B Datasheet
485Kb / 51P
Multi-mode controller for SMPS
20-Aug-2007
L6566B STMICROELECTRONICS-L6566B_08 Datasheet
536Kb / 51P
Multi-mode controller for SMPS
29-May-2008
logo
Shindengen Electric Mfg...
MH2501SC SHINDENGEN-MH2501SC Datasheet
1Mb / 33P
Easy Multi Interleave Controller for multi-phase interleaved PFC
logo
EM Microelectronic - MA...
EM8502 EMMICRO-EM8502 Datasheet
1Mb / 29P
POWER MANAGEMENT CONTROLLER WITH MULTI-CELL SOLAR HARVESTING
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
logo
Advantech Co., Ltd.
ESRP-CMS-EKI7710 ADVANTECH-ESRP-CMS-EKI7710 Datasheet
1Mb / 2P
Cloud Network Management System
ESRP-CMS-EKI9226 ADVANTECH-ESRP-CMS-EKI9226 Datasheet
17Mb / 16P
Cloud Network Management System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com