Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATRD-R-0003 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ATRD-R-0003
Description  Multi-layer Chip Triplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATRD-R-0003 Datasheet(HTML) 2 Page - Abracon Corporation

  ATRD-R-0003 Datasheet HTML 1Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 2Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 3Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 4Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 5Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 6Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 7Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 8Page - Abracon Corporation ATRD-R-0003 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-19-24
For terms and conditions of sales, please visit:
www.abracon.com
Multi-layer Chip Triplexer
ATRD-R-0003
2.0 x 1.25 x 0.90 mm
RoHS Compliant
Request Samples
Check Inventory
Parameters
Specification
Units
Notes
Application
Low Band
Middle Band
High Band
Insertion Loss (Max)
0.75 dB max. at
1560~1606
0.80 dB max. at
2400~2500
0.75 dB max. at
4900~5950
MHz
@25℃
Amplitude ripple at
20 MHz
0.3 dB max.
0.3 dB max.
0.3 dB max.
dB
Min. RL in BW
12
12
12
dB
Attenuation
(Absolute value)
13 dB min. at
2400~2500
15 dB min. at
4800~6000
10 dB min. at 860~960
13 dB min. at 1545~1605
9 dB min. at 3600~3750
18 dB min. at 4800~5000
10 dB min. at 7200~7500
24 dB min. at 860~960
24 dB min. at 1545~1605
25 dB min. at 1710~1990
30 dB min. at 2170
MHz
Isolation
15 dB min. at (LB-HB/MB-HB)
14 dB min. at LB-MB
dB
Power Capacity
2.0 max.
W
Characteristic
Impedance
50
ohm
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com