Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F884AS Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90F884AS
Description  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F884AS Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90F884AS Datasheet HTML 17Page - fujitsu semiconductor MB90F884AS Datasheet HTML 18Page - fujitsu semiconductor MB90F884AS Datasheet HTML 19Page - fujitsu semiconductor MB90F884AS Datasheet HTML 20Page - fujitsu semiconductor MB90F884AS Datasheet HTML 21Page - fujitsu semiconductor MB90F884AS Datasheet HTML 22Page - fujitsu semiconductor MB90F884AS Datasheet HTML 23Page - fujitsu semiconductor MB90F884AS Datasheet HTML 24Page - fujitsu semiconductor MB90F884AS Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
MB90880 Series
21
7.
Power-on and power-off sequence of A/D converter and analog input
Turn on the A/D converters (AVCC, AVRH) and analog inputs (AN0 to AN19) after turning on the digital power
supply (VCC) .
During power-off, turn off the digital power supply (VCC) after turning off the A/D converters and analog inputs
(AN0 to AN19) .
In this case, make sure that AVRH does not exceed AVCC during the power-on/power-off procedure.
Also make sure that the input voltage does not exceed AVCC when a pin which is also used as an analog input
is used as an input port.
8.
Handling power supply pins on A/D converter-mounted models
Make sure to achieve "AVCC
= AVRH = VCC" and "AVSS = VSS" in connecting the circuits, even when not using the
A/D converter function.
9.
Note on power-up
To prevent the internal regulator from malfunctioning, maintain the voltage rise time at 50
µs (between 0.2V and
2.7V) or more during power-up.
10. Stabilization of power supply
Even when the VCC power supply voltage is within the specified operating range, it may still cause the device to
malfunction, if the power supply changes rapidly. For stabilization reference, it is recommended to control the
supply voltage so that VCC ripple variations (P-P values) at commercial frequencies (50/60 Hz) fall below 10
%
of the standard VCC supply voltage and the coefficient of fluctuation does not exceed 0.1 V/ms at instantaneous
power switching.
11. Writing to Flash memory
For serial writing to Flash memory, always make sure that the operating voltage VCC is between 3.13V and 3.6V.
For normal writing to Flash memory, always make sure that the operating voltage VCC is between 3.0V and 3.6V.
12. P90/CS0 pins
P90/CS0 pins output “L” during writing Flash serial. Do not input from external.
13. Note of MB90F883 (S) , MB90F884 (S)
• Maximum operating frequency is 25 MHz.
• The base timer cannot use P24/TIO0, P25/TIO1, P26/TIO2, and P27/TIO3 as input function.
• MB90F883(S) and MB90F884(S) do not contain the flash security feature and write-protect feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com