Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F883ASPF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90F883ASPF
Description  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F883ASPF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90F883ASPF Datasheet HTML 9Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 10Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 11Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 12Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 13Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 14Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 15Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 16Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
MB90880 Series
13
(Continued)
Pin no.
Pin
name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
73
75
P56
F
General-purpose I/O port
RDY
Serves as external ready input (RDY) pin in external bus mode, and
serves as a general-purpose I/O port when RYE bit in EPCR register
is "0".
PPG6
PPG timer output pin
74
76
P57
F
General-purpose I/O port
CLK
Serves as machine cycle clock output (CLK) pin in external bus
mode, and serves as a general-purpose I/O port when CKE bit in
EPCR register is "0".
PPG7
PPG timer output pin
75
77
P00
C
General-purpose I/O port
AD00/
D00
In multiplex mode, it serves as lower external address/data bus I/O
pin.
Serves as lower external data bus output pin in non-multiplex mode.
IRQ0
External interrupt input pin
76
78
P01
C
General-purpose I/O port
AD01/
D01
Serves as an external address/lower data bus I/O pin in multiplex
mode.
Serves as a lower external data bus output pin in non-multiplex
mode.
IRQ1
External interrupt input pin
77
79
P02
C
General-purpose I/O port
AD02/
D02
Serves as an external address/lower data bus I/O pin in multiplex
mode.
Serves as a lower external data bus output pin in non-multiplex
mode.
IRQ2
External interrupt input pin
78
80
P03
C
General-purpose I/O port
AD03/
D03
Serves as an external address/lower data bus I/O pin in multiplex
mode.
Serves as a lower external data bus output pin in non-multiplex
mode.
IRQ3
External interrupt input pin
79
81
P04
C
General-purpose I/O port
AD04/
D04
In multiplex mode, it serves as lower external address/data bus I/O
pin.
Serves as a lower external data bus output pin in non-multiplex
mode.
IRQ4
External interrupt input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com