Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G473VB Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32G473VB
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473VB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32G473VB Datasheet HTML 2Page - STMicroelectronics STM32G473VB Datasheet HTML 3Page - STMicroelectronics STM32G473VB Datasheet HTML 4Page - STMicroelectronics STM32G473VB Datasheet HTML 5Page - STMicroelectronics STM32G473VB Datasheet HTML 6Page - STMicroelectronics STM32G473VB Datasheet HTML 7Page - STMicroelectronics STM32G473VB Datasheet HTML 8Page - STMicroelectronics STM32G473VB Datasheet HTML 9Page - STMicroelectronics STM32G473VB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 229 page
background image
Contents
STM32G473xB STM32G473xC STM32G473xE
6/229
DS12712 Rev 5
5.3.12
Electrical sensitivity characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
5.3.13
I/O current injection characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
5.3.14
I/O port characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
5.3.15
NRST pin characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
5.3.16
Extended interrupt and event controller input (EXTI) characteristics . . 132
5.3.17
Analog switches booster . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
5.3.18
Analog-to-digital converter characteristics . . . . . . . . . . . . . . . . . . . . . . 133
5.3.19
Digital-to-Analog converter characteristics . . . . . . . . . . . . . . . . . . . . . 148
5.3.20
Voltage reference buffer characteristics . . . . . . . . . . . . . . . . . . . . . . . 155
5.3.21
Comparator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
5.3.22
Operational amplifiers characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 159
5.3.23
Temperature sensor characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
5.3.24
VBAT monitoring characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
5.3.25
Timer characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
5.3.26
Communication interfaces characteristics . . . . . . . . . . . . . . . . . . . . . . 165
5.3.27
FSMC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
5.3.28
QUADSPI characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 192
5.3.29
UCPD characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 195
6.1
Device marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 195
6.2
WLCSP81 package information (B068) . . . . . . . . . . . . . . . . . . . . . . . . . 196
6.3
UFQFPN48 package information (A0B9) . . . . . . . . . . . . . . . . . . . . . . . . 198
6.4
LQFP48 package information (5B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
6.5
LQFP64 package information (5W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
6.6
LQFP80 package information (9X) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
6.7
TFBGA100 package information (A08Q) . . . . . . . . . . . . . . . . . . . . . . . . 208
6.8
LQFP100 package information (1L) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .211
6.9
LQFP128 package information (TC) . . . . . . . . . . . . . . . . . . . . . . . . . . . 214
6.10
UFBGA121 package information (B0CU) . . . . . . . . . . . . . . . . . . . . . . . . 218
6.11
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
6.11.1
Reference document . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 222
6.11.2
Selecting the product temperature range . . . . . . . . . . . . . . . . . . . . . . 223
7
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com