Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G473PC Datasheet(PDF) 227 Page - STMicroelectronics

Part # STM32G473PC
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473PC Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STM32G473PC Datasheet HTML 221Page - STMicroelectronics STM32G473PC Datasheet HTML 222Page - STMicroelectronics STM32G473PC Datasheet HTML 223Page - STMicroelectronics STM32G473PC Datasheet HTML 224Page - STMicroelectronics STM32G473PC Datasheet HTML 225Page - STMicroelectronics STM32G473PC Datasheet HTML 226Page - STMicroelectronics STM32G473PC Datasheet HTML 227Page - STMicroelectronics STM32G473PC Datasheet HTML 228Page - STMicroelectronics STM32G473PC Datasheet HTML 229Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 227 / 229 page
background image
DS12712 Rev 5
227/229
STM32G473xB STM32G473xC STM32G473xE
Revision history
228
9
Revision history
Table 120. Document revision history
Date
Revision
Changes
08-May-2019
1
initial release
17-Oct-2019
2
Updated:
– Section 2: Description, Section 3.5: Embedded SRAM,
– Table 2: STM32G473xB/xC/xE features and peripheral counts, Table 17: General
operating conditions, Table 35: Peripheral current consumption, Table 61: ADC
characteristics, Table 62: Maximum ADC RAIN, Table 84: SPI characteristics,
Table 118: Package thermal characteristics, Table 119: Ordering information
Added: Table 66: ADC accuracy (Multiple ADCs operation) - limited test conditions 1,
Table 68: ADC accuracy (Multiple ADCs operation) - limited test conditions 3, Table 68:
ADC accuracy (Multiple ADCs operation) - limited test conditions 3
30-Oct-2020
3
Updated:
– Table 1: Device summary
– Table 12: STM32G473xB/xC/xE pin definition
– Section 3.18: Analog-to-digital converter (ADC)
– Table 17: General operating conditions
– Table 21: Current consumption in Run and Low-power run modes, code with data
processing running from flash in single Bank, ART enable (Cache ON Prefetch OFF)
– Table 22: Current consumption in Run and Low-power run modes, code with data
processing running from flash in dual bank, ART enable (Cache ON Prefetch OFF)
– Table 23: Current consumption in Run and Low-power run modes, code with data
processing running from SRAM1
– Table 28: Current consumption in Sleep and Low-power sleep mode flash memory
ON
– Table 29: Current consumption in low-power sleep modes, flash memory in power-
down
– Table 30: Current consumption in Stop 1 mode
– Table 31: Current consumption in Stop 0 mode
– Table 32: Current consumption in Standby mode
– Table 51: ESD absolute maximum ratings
– Table 71: DAC 15MSPS characteristics
– Table 74: COMP characteristics
– Table 75: OPAMP characteristics
– Table 79: TIMx characteristics
– Table 84: SPI characteristics
– Table 85: I2S characteristics
– Table 104: QUADSPI characteristics in DDR mode
– Table 116: UFBGA121 - Mechanical data
– Table 117: UFBGA121 - Recommended PCB design rules
– Table 118: Package thermal characteristics
– Table 119: Ordering information
– Figure 71: UFBGA121 - Outline
– Figure 72: UFBGA121 - Footprint example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com