Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G473PC Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32G473PC
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473PC Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32G473PC Datasheet HTML 221Page - STMicroelectronics STM32G473PC Datasheet HTML 222Page - STMicroelectronics STM32G473PC Datasheet HTML 223Page - STMicroelectronics STM32G473PC Datasheet HTML 224Page - STMicroelectronics STM32G473PC Datasheet HTML 225Page - STMicroelectronics STM32G473PC Datasheet HTML 226Page - STMicroelectronics STM32G473PC Datasheet HTML 227Page - STMicroelectronics STM32G473PC Datasheet HTML 228Page - STMicroelectronics STM32G473PC Datasheet HTML 229Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 228 / 229 page
background image
Revision history
STM32G473xB STM32G473xC STM32G473xE
228/229
DS12712 Rev 5
30-Oct-2020
3
(Cont.)
Added:
– Figure 102: LQFP128 - Recommended footprint
– Table 14: STM32G473xB/xC/xE UFBGA121 pinout,
– Table 116: UFBGA121 - Mechanical data
– Table 117: UFBGA121 - Recommended PCB design rules
– Table 71: UFBGA121 - Outline
Table 72: UFBGA121 - Footprint example
16-Nov-2021
4
Updated:
– Features
– Section 2: Description
– Section 3.4: Embedded flash memory
– Table 2: STM32G473xB/xC/xE features and peripheral counts
– Table 5: Temperature sensor calibration values
– Table 12: STM32G473xB/xC/xE pin definition
– Figure 14: STM32G473xB/xC/xE UFBGA121 pinout
– Table 30: Current consumption in Stop 1 mode
– Table 31: Current consumption in Stop 0 mode
– Table 32: Current consumption in Standby mode
– Section 5.3.14: I/O port characteristics
– Table 63: ADC accuracy - limited test conditions 1
– Table 64: ADC accuracy - limited test conditions 2
– Table 65: ADC accuracy - limited test conditions 3
– Figure 29: ADC accuracy characteristics
– Figure 30: Typical connection diagram when using the ADC with FT/TT pins featuring
analog switch function
– Figure 102: LQFP128 - Recommended footprint
Added:
– Note 1 in Table 77: VBAT monitoring characteristics
20-Apr-2023
5
Updated:
– Section 3.11.1: Power supply schemes
– Table 2: STM32G473xB/xC/xE features and peripheral counts
– Table 13: Alternate function
– Table 19: Embedded reset and power control block characteristics
– Section 6: Package information
Added:
– Figure 3: Power-up/down sequence
– Section 6.1: Device marking
– Section 8: Important security notice
Table 120. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com