Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F883ASPMC Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB90F883ASPMC
Description  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F883ASPMC Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB90F883ASPMC Datasheet HTML 3Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 4Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 5Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 6Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 7Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 8Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 9Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 10Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
MB90880 Series
7
■ PIN DESCRIPTIONS
(Continued)
Pin no.
Pin
name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
13
P26
D
General-purpose I/O port
A22
In multiplex mode, it serves as higher address output pin (A22) when
corresponding bit in external address output control register (HACR)
is set to "0".
In non-multiplex mode, it serves as higher address output pin (A22)
when corresponding bit in external address output control register
(HACR) is set to "0".
TIO2
Base timer I/O pin (ch.2)
24
P27
D
General-purpose I/O port
A23
In multiplex mode, it serves as higher address output pin (A23) when
corresponding bit in external address output control register (HACR)
is set to "0".
In non-multiplex mode, it serves as higher address output pin (A23)
when corresponding bit in external address output control register
(HACR) is set to "0".
TIO3
Base timer I/O pin (ch.3)
35
P30
E
General-purpose I/O port
A00
Serves as an external address pin in non-multiplex mode.
ZIN0
8/16-bit up-down counter/timer input pin (ch.0)
UI1
Multi-function serial input pin
46
P31
E
General-purpose I/O port
A01
Serves as an external address pin in non-multiplex mode.
AIN0
8/16-bit up-down counter/timer input pin (ch.0)
UO1/
(SDA1)
Multi-function serial output pin
57
P32
E
General-purpose I/O port
A02
Serves as an external address pin in non-multiplex mode.
BIN0
8/16-bit up-down counter/timer input pin (ch.0)
UCK1/
(SCL1)
Multi-function serial clock I/O pin
68
P33
E
General-purpose I/O port
A03
Serves as an external address pin in non-multiplex mode.
UI2
Multi-function serial input pin
79
P34
E
General-purpose I/O port
A04
Serves as an external address pin in non-multiplex mode.
UO2/
(SDA2)
Multi-function serial output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com