Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSIC506FSB Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC506FSB
Description  High Precision Temperature Sensor IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC506FSB Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  TSIC506FSB Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC506FSB Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.zmd.biz
TSic™ Applications
TSic™ Ordering Code
Example:
TSic 506 FST
Output Type
1... analog voltage 0 to +1V
6... 11bit digital serial interface
Accuracy Code
(as shown in table on front side)
ZMD America, Inc.
201 Old Country Road, Suite 204
Melville, NY 11747
USA
Tel +1.631.549.2666
Fax +1.631.549.2882
sales@zmda.com
Application Fields
Application Examples
TSic Recommendations
Industrial process control
liquid- and gas monitoring
TSic 20X, 30X, 506
IT
processor chip and hard disk monitoring
TSic 106, 206
Consumer products
cellphones, PDAs, table weather stations
TSic 106, 206
White goods
refrigerators, washing machines, dish washers
TSic 10X, 20X, 30X
Food logistics
dataloggers, T-probes
TSic 10X, 20X, 30X
HVAC
thermostats
TSic 10X, 20X
Medical instrumentation
thermometers, respirators, incubators
TSic 306, 506
Automotive
climate control, engine control
TSic 10X, 20X
Copyright © 2006, ZMD AG, Rev. 0.3
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the
copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
TSic™ LABkit
• Provides fast TSic™ evaluation and demonstration
• PC-connectable via USB
• Contains USB module, 4 wired TSic™ devices,
CD-ROM with software & documentation, USB cable
• Drives up to 4 TSic™ devices in parallel
• Displays actual temperatures, minima, maxima, averages
• Including TSic™ Recording Software for Microsoft Excel™
Delivery Form
T … Tube (only for SOP8)
B … Bulk (only for TO92 and COF)
On request
U… Unsawn wafer (only for TSic 10X, 20X)
Operating Temperature Range
W ... wide (-50 to +150 °C)
F ... focused (-10 to +60 °C)
SOP8
TO92
COF
Sales Offices
ZMD AG
Grenzstrasse 28
01109 Dresden
Germany
Tel +49.351.8822-366
Fax +49.351.8822-337
sales@zmd.de
Application Support
ZMD AG
Grenzstrasse 28
01109 Dresden
Germany
Tel +49.351.8822-916
Fax +49.351.8822-606
TSic@zmd.de
Not all possible ordering code combinations are available.
Please ask ZMD Sales for availability.
Package Type
S … SOP8
T … TO92
C … COF
D … Bare die
ZMD Far East
1F, No. 14, Lane 268,
Sec. 1 Guangfu Rd.
HsinChu City 300
Taiwan
Tel +886.3.563.1388
Fax +886.3.563.6385
sales@zmd.de
The information furnished hereby is believed to be correct and accurate. However, ZMD shall not be liable to any customer, licensee or any other third party for any
damages in connection with or arising out of the furnishing, performance or use of this technical data. No obligation or liability to any customer, licensee or any other
third party shall result from ZMD’s rendering of technical or other services.
For the latest revision of this document and for more information about this and other ZMD products please go to www.zmd.biz.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com