Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F342CES Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB90F342CES
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F342CES Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB90F342CES Datasheet HTML 35Page - fujitsu semiconductor MB90F342CES Datasheet HTML 36Page - fujitsu semiconductor MB90F342CES Datasheet HTML 37Page - fujitsu semiconductor MB90F342CES Datasheet HTML 38Page - fujitsu semiconductor MB90F342CES Datasheet HTML 39Page - fujitsu semiconductor MB90F342CES Datasheet HTML 40Page - fujitsu semiconductor MB90F342CES Datasheet HTML 41Page - fujitsu semiconductor MB90F342CES Datasheet HTML 42Page - fujitsu semiconductor MB90F342CES Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
MB90340E Series
39
■ CAN CONTROLLERS
The CAN controller has the following features:
• Conforms to CAN Specification Version 2.0 Part A and B
• Supports transmission/reception in standard frame and extended frame formats
• Supports transmission of data frames by receiving remote frames
• 16 transmission/reception message buffers
• 29-bit ID and 8-byte data
• Multi-level message buffer configuration
• Provides full-bit comparison, full-bit mask, acceptance register 0/acceptance register 1 for each message
buffer as ID acceptance mask
• Two acceptance mask registers in either standard frame format or extended frame formats
• Bit rate programmable from 10 kbps to 2 Mbps (when input clock is at 16 MHz)
List of Control Registers (1)
Address
Register
Abbreviation
Access
Initial Value
CAN0
CAN1
000070H
000080H
Message Buffer
Valid Register
BVALR
R/W
00000000B
00000000B
000071H
000081H
000072H
000082H
Transmit Request
Register
TREQR
R/W
00000000B
00000000B
000073H
000083H
000074H
000084H
Transmit Cancel
Register
TCANR
W
00000000B
00000000B
000075H
000085H
000076H
000086H
Transmission
Complete Register
TCR
R/W
00000000B
00000000B
000077H
000087H
000078H
000088H
Receive Complete
Register
RCR
R/W
00000000B
00000000B
000079H
000089H
00007AH
00008AH
Remote Request
Receiving Register
RRTRR
R/W
00000000B
00000000B
00007BH
00008BH
00007CH
00008CH
Receive Overrun
Register
ROVRR
R/W
00000000B
00000000B
00007DH
00008DH
00007EH
00008EH
Reception Interrupt
Enable Register
RIER
R/W
00000000B
00000000B
00007FH
00008FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com