Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1069 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # H1069
Description  10/100BASE-TX QUAD PORT TRANSFORMER MODULES For Use with Level One?셲 LXT974, LXT975 and LXT980 Series of PHY Solutions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1069 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  H1069 Datasheet HTML 1Page - Pulse A Technitrol Company H1069 Datasheet HTML 2Page - Pulse A Technitrol Company H1069 Datasheet HTML 3Page - Pulse A Technitrol Company H1069 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
3
H321.D (8/06)
Tx
Tx
Rx
Tx
Rx
Td
Rd
Td
Td
Tx
Td
Rd
Rx
Rd
Rx
Rd
C
H
I
P
S
I
D
E
M
E
D
I
A
S
I
D
E
LEGEND
ALL CHANNELS ARE
IN PHASE BETWEEN
INPUT AND OUTPUT
NOTE: The H1074 provides
for direct single plane routing
to a single stack RJ-45 and
for
direct
single
plane
routing to the LXT980.
H1074
Schematic
10/100BASE-TX QUAD PORT
TRANSFORMER MODULES
For Use with Level One’s LXT974, LXT975
and LXT980 Series of PHY Solutions
Tape and Reel Specifications
.157
3,99
.079
2,01
5" MAX.
DRAFT ANGLE
.059
1,50
o
.004
0,10
.000
0,00
1.13
28,70
.945
24,00
.740
18,80
.012
0,30
1.73
43,94
1.59
40,39
.795
20,19
.069
1,75
8
.230
5,84
.270
6,86
Weight . . . . . .4.0 grams TYP
Tube . . . . . . . . . . . . . .15/tube
Tape & Reel . . . . . . .250/reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com