Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB31 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB31
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB31 Datasheet(HTML) 2 Page - Texas Instruments

  TS3USB31 Datasheet HTML 1Page - Texas Instruments TS3USB31 Datasheet HTML 2Page - Texas Instruments TS3USB31 Datasheet HTML 3Page - Texas Instruments TS3USB31 Datasheet HTML 4Page - Texas Instruments TS3USB31 Datasheet HTML 5Page - Texas Instruments TS3USB31 Datasheet HTML 6Page - Texas Instruments TS3USB31 Datasheet HTML 7Page - Texas Instruments TS3USB31 Datasheet HTML 8Page - Texas Instruments TS3USB31 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
BLOCK DIAGRAM
HSD1+
HSD1–
Control
D+
D–
OE
Absolute Maximum Ratings
(1)
Package Thermal Impedance
TS3USB31
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH
WITH SINGLE ENABLE
SCDS242C – JULY 2007 – REVISED AUGUST 2007
TRUTH TABLE
OE
FUNCTION
H
Disconnect
L
D+, D– = HSD+, HSD–
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VIN
Control input voltage range(2)(3)
–0.5
7
V
HSD+, HSD–
–0.5 VCC + 0.3
VI/O
Switch I/O voltage range(2)(3)(4)
D+, D– when VCC > 0
–0.5 VCC + 0.3
V
D+, D– when VCC = 0
5.25
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VI/O < 0
–50
mA
II/O
ON-state switch current(5)
±64
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
TYP
UNIT
θJA
Package thermal impedance(1)
RSE package
253
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TS3USB31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com