Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC78L05LP Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC78L05LP
Description  100mA / 3-TERMINAL 5V REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC78L05LP Datasheet(HTML) 2 Page - ADDtek Corp

  AMC78L05LP Datasheet HTML 1Page - ADDtek Corp AMC78L05LP Datasheet HTML 2Page - ADDtek Corp AMC78L05LP Datasheet HTML 3Page - ADDtek Corp AMC78L05LP Datasheet HTML 4Page - ADDtek Corp AMC78L05LP Datasheet HTML 5Page - ADDtek Corp AMC78L05LP Datasheet HTML 6Page - ADDtek Corp AMC78L05LP Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMC78L05
Copyright
© 2006 ADDtek Corp.
2
DD061_D
--
JUNE 2006
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage
30V
Maximum junction operating temperature, TJ
150
OC
Storage temperature range
-65
OC to 150OC
Lead temperature (soldiering, 10 seconds)
260
OC
Note : Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative
out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JA
(
OC/W )
Derating factor ( mW/
OC )
TA ≥ 25
OC
TA ≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
DM
165
6.06
757
485
394
DMF
165
6.06
757
485
394
LP
156
6.41
801
513
417
LPF
156
6.41
801
513
417
PK
71(note)
14.1
1763
1128
916
PKF
71(note)
14.1
1763
1128
916
Note :
1.For PK package, Thermal Resistance-Junction to Tab (
θ
JT ) = 35
OC/W. TJ = TTAB + (P
D × θ
JT).
P
D: Power Dissipation.
2.
θ
JA: Thermal Resistance-Junction to Ambient
Junction Temperature Calculation:
TJ = TA + (Pd
× θja).
The
θja numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VI
7
20
V
Output Current
IOUT
100
mA
Operating Virtual Junction Temperature
TJ
0
125
OC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com