Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC79L05LP Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC79L05LP
Description  100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC79L05LP Datasheet(HTML) 3 Page - ADDtek Corp

  AMC79L05LP Datasheet HTML 1Page - ADDtek Corp AMC79L05LP Datasheet HTML 2Page - ADDtek Corp AMC79L05LP Datasheet HTML 3Page - ADDtek Corp AMC79L05LP Datasheet HTML 4Page - ADDtek Corp AMC79L05LP Datasheet HTML 5Page - ADDtek Corp AMC79L05LP Datasheet HTML 6Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMC79L05
Copyright
© 2006 ADDtek Corp.
3
DD062_D
--
JUNE 2006
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VI
-7
-20
V
Output Current
IOUT
100
mA
Operating Virtual Junction Temperature
TJ
0
125
OC
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications in bold type apply over the operating temperature range of
0
OC
≤ T
J ≤ +150
OC, VIN = -10V,IOUT = 40mA,CIN = 0.33µF, COUT= 0.1µF, and are for DC characteristics only. (Low
duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.)
AMC79L05
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
TJ = 25
OC
-4.8
-5.0
-5.2
-7V
≤ V
IN ≤ -20V, 1mA ≤ IOUT ≤ 40mA
-4.75
-5.25
Output Voltage
VOUT
1mA
≤ I
OUT ≤ 70mA
-4.75
-5.25
V
-7V
≤ V
IN ≤ -20V,TJ = 25
OC
15
150
Line Regulation
VOI
-8V
≤ V
IN ≤ -20V,TJ = 25
OC
100
mV
1mA
≤ I
OUT ≤ 100mA, TJ = 25
OC
20
60
Load Regulation
VOL
1mA
≤ I
OUT ≤ 40mA, TJ = 25
OC
10
30
mV
Peak Output Current
IPEAK
TJ = 25
OC
140
mA
Dropout Voltage
TJ = 25
OC
1.7
V
TJ = 25
OC
6.6
Quiescent Current
IQ
TJ = 125
OC
6.0
mA
-8V
≤ V
IN ≤ -20V
1.5
Quiescent Current Change
IQ
1mA
≤ I
OUT ≤ 40mA
0.1
mA
Ripple Rejection ( note 2 )
RR
f =120Hz, -8V
≤ V
IN ≤ -18V, TJ = 25
OC
41
49
dB
Output Noise Voltage ( note 2 ) VO RMS 10Hz ≤ f ≤ 100KHz, TJ = 25
OC
40
µV
Note 2:
These parameters, although guaranteed, are not 100% tested in production prior to shipment



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com