Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC393DMF Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC393DMF
Description  LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC393DMF Datasheet(HTML) 3 Page - ADDtek Corp

  AMC393DMF Datasheet HTML 1Page - ADDtek Corp AMC393DMF Datasheet HTML 2Page - ADDtek Corp AMC393DMF Datasheet HTML 3Page - ADDtek Corp AMC393DMF Datasheet HTML 4Page - ADDtek Corp AMC393DMF Datasheet HTML 5Page - ADDtek Corp AMC393DMF Datasheet HTML 6Page - ADDtek Corp AMC393DMF Datasheet HTML 7Page - ADDtek Corp AMC393DMF Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMC393
Copyright
© 2006 ADDtek Corp.
3
DD020_E
--
JUNE 2006
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply the operating at specified free-air temperatures and VCC = 5V.
AMC393
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
TA = 25
OC (Note 1)
2
5
Input Offset Voltage
VIO
0
OC
≤ T
A ≤ 70
OC
9
mV
TA = 25
OC
- 25
- 250
Input Bias Current (Note 2)
IIB
VCM = 0V,
VOUT = 1.4V
0
OC
≤ T
A ≤ 70
OC
- 400
nA
TA = 25
OC
5
50
Input Offset Current
IIO
VCM = 0V,
VOUT = 1.4V
0
OC
≤ T
A ≤ 70
OC
150
nA
TA = 25
OC
0
VCC – 1.5
Input Common-mode Voltage
Range (Note 3)
VCM
VCC = 30V
0
OC
≤ T
A ≤ 70
OC0
VCC – 2.0
V
No load
0.8
1.0
Supply Current
ICC
VCC = 30V, No load
0
OC
≤ T
A ≤ 70
OC
2.5
mA
TA = 25
OC
150
400
Low-level Output Voltage
VOL
VIN
+ - V
IN
- = –1V,
IOL ≤ 4mA
0
OC
≤ T
A ≤ 70
OC
700
mV
Low-level Output Current
IOL
VOUT ≤ 1.5V, VIN
+ - V
IN
- = –1V
TA = 25
OC
6
mA
TA = 25
OC
0.1
nA
High-level Output Current
IOH
VOUT = 5V,
VIN
+ - V
IN
- = 1V
0
OC
≤ T
A ≤ 70
OC
1
µA
Large Signal Voltage Gain
AVD
VCC =15V, VOUT = 1.4V to 11.4V,
RL ≥ 15 kΩ to VCC
50
200
V/mV
Response Time (Note 4)
RL = 5.1K connected to 5V
TA = 25
OC
1.3
µs
Note 1:
VOUT ≅ 1.4V, RS = 0Ω, with VCC from 5V to 30V; and over the full input common-mode range (0V to VCC – 1.5V) at 25°C.
Note 2:
Due to PNP input stage, the direction of the input current is out of the IC. It is essentially constant, independent of the state of the output,
so no loading change exists on the input lines.
Note 3:
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25
°C). The
upper limit of the common-mode voltage range is VCC – 1.5V (at 25°C), but either or both inputs can go to 32V without damage,
independent of the magnitude of VCC.
Note 4:
The response time specified is for a 100 mV input step with 5 mV overdrive.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com