Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3202DMF Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC3202DMF
Description  1.5A 280kHz BOOST REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3202DMF Datasheet(HTML) 4 Page - ADDtek Corp

  AMC3202DMF Datasheet HTML 1Page - ADDtek Corp AMC3202DMF Datasheet HTML 2Page - ADDtek Corp AMC3202DMF Datasheet HTML 3Page - ADDtek Corp AMC3202DMF Datasheet HTML 4Page - ADDtek Corp AMC3202DMF Datasheet HTML 5Page - ADDtek Corp AMC3202DMF Datasheet HTML 6Page - ADDtek Corp AMC3202DMF Datasheet HTML 7Page - ADDtek Corp AMC3202DMF Datasheet HTML 8Page - ADDtek Corp AMC3202DMF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AMC3202
Copyright
© 2006 ADDtek Corp.
4
DD074_B -- AUGUST 2006
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VIN
2.7
30
V
Average Supply Current
IIN
1.3
A
Output Voltage
VOUT
42
V
Operating Free-air Temperature Range
TA
85
°C
°C
DC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, TA = 25°C, (Unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
FB Reference Voltage
COMP tied to FB; Measure at FB;
2.7V≦VCC≦30V
1.246
1.276
1.300
V
FB Input Current
FB=VREF
-1.0
0.1
1.0
uA
FB Reference Voltage Line
Regulation
COMP=FB, 2.7V≦VCC≦30V
-
0.01
0.03
%/V
Error Amp Transconductance
ICOMP=±25uA
(Note)
300
550
800
uMh
o
Error Amp Gain
(Note)
200
500
-
V/V
COMP Source Current
FB=1.0V, COMP=1.25V
25
50
90
uA
COMP Sink Current
FB=1.5V, COMP=1.25V
200
625
1500
uA
COMP High Clamp Voltage
FB=1.0V, COMP sources 25uA
1.5
1.7
1.9
V
COMP Low Clamp Voltage
FB=1.5V, COMP sinks 25uA
0.25
0.50
0.65
V
COMP Threshold
Reduce COMP from 1.5V until switching
stops
0.75
1.05
1.30
V
Base Operating Frequency
FB=1V
230
280
310
kHz
Reduced Operating Frequency
FB=0V
30
52
120
kHz
Maximum Duty Cycle
FB=1V
90
94
-
%
FB Frequency Shift Threshold
Frequency drops to reduced operating
frequency
0.36
0.40
0.44
V
Synchronization Range
320
-
500
kHz
Synchronization Pulse
Transition Threshold
Rise time=20ns
2.5
-
-
V
EN Bias Current
EN=0V
EN=3.0V
-15
-
-3.0
3.0
-
8.0
uA
Shutdown Threshold
0.50
0.85
1.20
V
Shutdown Delay
2.7V≦VCC≦12V
12V≦VCC≦30V
12
12
80
36
350
200
uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com